Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HS35F-62-R2-SS-12GC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HS35F-62-R2-SS-12GC
Description  HS35 Absolute Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HS35F-62-R2-SS-12GC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HS35F-62-R2-SS-12GC Datasheet HTML 1Page - List of Unclassifed Manufacturers HS35F-62-R2-SS-12GC Datasheet HTML 2Page - List of Unclassifed Manufacturers HS35F-62-R2-SS-12GC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel: 805-968-0782 /800-350-2727 | Fax: 805-968-3154 / 800-960-2726 | 7230 Hollister Ave., Goleta, CA 93117-2807
www.beisensors.com
HS35 Absolute Encoder
Ordering SSI : HOW TO SPECIFy SSI OUTPUT IN THE ENCODER MODEL NUMBER:
Example: HS35-100-R2-SS-12-NB-S3-CW-SM18
Direction of Count: Standard is CW increasing when viewed from the shaft end. Pin R is normally HI (or N/C) and is pulled up internally to +V. To reverse the count
direction, Pin R must be pulled LO (COMMON ).
Latch control: Encoder outputs are active and provide continuous parallel position information when Pin U is HI (or N/C). Pin U is pulled up internally to +V. When Pin U
is LO (COMMON) the encoder outputs are latched at the logic state that is present when the latch is applied and will stay latched until Pin U is no longer LO (COMMON).
M18 Connector is a MS3102R18-1P, 10-pin connector on the encoder body and mates to an MS3106F18-1S connector or can be used with a standard cable/connector
assembly, BEI P/N 924-31186-18XX (Where XX = 10, 20 30 or 50 for a 10, 20, 30, or 50 foot length). This is the preferred connector for SSI output.
M14/19 Connector is a MS3112E14-19P, 19-pin connector on the encoder body and mates to an MS3116J14-19S or equivalent.
Table 1: Parallel Output Code and Terminations
TERMINATION
PARALLEL Gray or Natural code
M14/19
CONN
CABLE
COLOR
14 BIT
13 BIT
12 BIT STD.
B13 (MSB)
B12 (MSB)
B11 (MSB)
A
W/BLK
B12
B11
B10
B
W/BRN
B11
B10
B9
C
W/RED
B10
B9
B8
D
W/ORN
B9
B8
B7
E
W/yEL
B8
B7
B6
F
W/GRN
B7
B6
B5
G
W/BLU
B6
B5
B4
H
W/VIO
B5
B4
B3
J
W/GRy
B4
B3
B2
K
WHT
B3
B2
B1
L
GRy/BLK
B2
B1
B0 (LSB)
M
GRy/BRN std
B1
B0 (LSB) OR NC
N
GRy/RED*
0V std. (BO_LSB 14 BIT or Enable, Dir C, latch)
P
GRy/ORN*
Dir Control std. (optional: latch or Enable
R
ORN*
Case GND
S
GRN
OV RETURN
T
BLK
LATCH std. (optional: DC or Enable)
U
yEL*
+V SUPPLy
V
RED
SHIELD DRAIN
-
BARE
*Optional
Table 3: SSI Termination
Termination
SSI
M18 M14/19 CABLE
DATA+
A
A
yEL
DATA-
H
B
W/yEL
CLK+
B
C
BLU
CLK-
I
D
W/BLU
Dir Control
C
R
ORN
ENABLE*
J
P
W/ORN
OV RETURN
F
T
BLK
+V SUPPLy
D
V
RED
CASE GND
G
S
GRN
SHIELD DRAIN
-
-
BARE
*Optional
Table 2: Analog Termination and
Options
Analog
A1,2,3,4 & A5 M18 M14/19
CABLE
COLOR
A+ OUT
A
A
yEL
A Return
H
B
W/yEL
Dir Control
C
U
ORN
Reset*
B
C
BLU
OV Return
F
T
BLK
+V Supply
D
V
RED
CASE GND
G
S
GRN
*Optional
Figures
ONE REVOLUTION
CW Increasing Count Viewing Shaft
CW Increasing Count Viewing Shaft
ONE REVOLUTION
ETC. THRU LSB (GO)
ETC. THRU LSB (20)
ONE REVOLUTION
CW Increasing Count Viewing Shaft
CW Increasing Count Viewing Shaft
ONE REVOLUTION
ETC. THRU LSB (GO)
ETC. THRU LSB (20)
Figure 1
Gray Code
Figure 2
Natural Binary



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com