Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACTFD007 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTFD007
Description  SAW DUPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTFD007 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTFD007 Datasheet HTML 1Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 2Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 3Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 4Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 5Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 6Page - Advanced Crystal Technology ACTFD007 Datasheet HTML 7Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
- 3 -
Maximum Ratings
Rating
Value
Unit
Operating Temperature Range
TA
-30 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
DC Voltage (between any Terminals)
VDC
5
V
RF Power (in BW) at 1920-1980MHz
elsewhere
P
29 max
10max
dBm
ESD Voltage (HB)
VESD
250
V
Electrical Characteristics TX-ANT:
Temperature range for specification: T=-30°C to +85°C
Antenna terminating impedance: ZANT=50Ω||3.3nH
RX terminating impedance:
ZRX=100Ω||10nH (balanced)
TX terminating impedance:
ZTX=50Ω
Item
Min
Typical
Max
Unit
Center Frequency
fC
-
1950
-
MHz
Maximum Insertion
Loss
in 1922.4MHz–1977.6MHz
IL
-
1.4
1.8
dB
in 1920MHz–1980MHz
IL
-
1.5
1.9
dB
Amplitude Variation
in 1922.4MHz–1977.6MHz
Av
-
0.25
0.8
dB
in 1920MHz–1980MHz
Av
-
0.3
0.8
dB
Amplitude Variation over any 3.84MHz in passband
in 1920MHz–1980MHz
0.15
0.5
dB
Error vector magnitude
in 1922.4MHz–1977.6MHz
EVM
0.6
2.0
%
Absolute Attenuation
α
0.30 … 470MHz
30
50
-
dB
470 … 770 MHz
30
41
-
dB
770 …1570 MHz
25
28
-
dB
1570 … 1580MHz
25
28
-
dB
1805 … 1880 MHz
3
4.5
--
dB
2112.4 …2167.6 MHz
40
45
--
dB
2402 … 2480 MHz
23
28
--
dB
2620 … 2690 MHz
24
29
--
dB
3840 … 3960 MHz
25
33
--
dB
5760 … 5940 MHz
20
40
--
dB
Input
VSWR(TX port) in 1920MHz–1980MHz
-
1.5:1
1.9:1
Output VSWR(ANT port) in 1920MHz–1980MHz
-
1.4:1
1.8:1
RoHS Compliant
Electrostatic Sensitive Device



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com