Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4870M Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4870M
Description  1.1W Audio Power Amplifier with Shutdown Mode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4870M Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM4870M Datasheet HTML 1Page - National Semiconductor (TI) LM4870M Datasheet HTML 2Page - National Semiconductor (TI) LM4870M Datasheet HTML 3Page - National Semiconductor (TI) LM4870M Datasheet HTML 4Page - National Semiconductor (TI) LM4870M Datasheet HTML 5Page - National Semiconductor (TI) LM4870M Datasheet HTML 6Page - National Semiconductor (TI) LM4870M Datasheet HTML 7Page - National Semiconductor (TI) LM4870M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Information (Continued)
are required for 1.0W of output power. Since 5V rails are
common, it is chosen to be the supply voltage. Supply volt-
age (up to a maximum of 5.5V) above the required 4.6V will
allow the LM4870 to reproduce transient signals at greater
than 1.0W of output power. The extra voltage will also in-
crease the device power dissipation, so the designer must
make sure that the conditions explained in the Power Dissi-
pationsection are not violated.
Once the power dissipation issues have been addressed,
the required differential gain can be determined from Equa-
tion 4:
From equation 4, the minimum A
vd is A vd = 2.83; use Avd=
3.
Since the amplifier output is bridged, giving a gain of 2, and
the desired system gain is 3, the ratio of feedback (R
f)toin-
put (R
i) resistor is 1.5:1. If Ri is set to the required input im-
pedance of 20 k
Ω, then R
f = 30 kΩ. The final design step is
to address the bandwidth requirements which must be
stated as a pair of −3 dB frequency points. Five times away
from a −3 dB point is 0.17 dB down from passband response
which is better than the required ±0.25 dB specified.
f
L = 100 Hz/5 = 20 Hz
f
H = 20 kHz5 = 100 HzAs stated in the External Compo-
nents section, R
i in conjunction with Ci create a highpass
filter.
C
i ≥ 1/(2π * 20 kΩ * 20 Hz) = 0.397 µF;
use 0.39 µF.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the differential gain, A
vd
. With a A
vd = 3 and fH = 100 kHz, the resulting GBWP =
150 kHz which is much smaller than the LM4870 GBWP of
4 MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4870 can still be used without running into bandwidth
problems.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com