Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4876 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4876
Description  1.1W Audio Power Amplifier with Shutdown Logic Low
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4876 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4876 Datasheet HTML 1Page - National Semiconductor (TI) LM4876 Datasheet HTML 2Page - National Semiconductor (TI) LM4876 Datasheet HTML 3Page - National Semiconductor (TI) LM4876 Datasheet HTML 4Page - National Semiconductor (TI) LM4876 Datasheet HTML 5Page - National Semiconductor (TI) LM4876 Datasheet HTML 6Page - National Semiconductor (TI) LM4876 Datasheet HTML 7Page - National Semiconductor (TI) LM4876 Datasheet HTML 8Page - National Semiconductor (TI) LM4876 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
5000V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Soldering Information
Small Outline Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450
″Surface Mounting and their Effects on
Product Reliability
″ for other methods of
soldering surface mount devices.
θ
JC (typ) — M08A
35˚C/W
θ
JA (typ) — M08A
140˚C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40˚C
≤ T
A ≤ 85˚C
Supply Voltage
2.0V
≤ V
DD ≤ 5.5V
Electrical Characteristics (Notes 1, 2)
The following specifications apply for V
DD = 5V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4876
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
2.0
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A
6.5
10.0
mA (max)
I
SD
Shutdown Current
V
PIN1 = 0V
0.01
2
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
o
Output Power
THD = 0.5% (max);f=1kHz
1.10
1.0
W (min)
THD+N = 10%;f=1kHz
1.5
W
THD+N
Total Harmonic Distortion+Noise
P
o = 1 Wrms; AVD =2;20Hz ≤ f
≤ 20 kHz
0.25
%
PSRR
Power Supply Rejection Ratio
V
DD = 4.9V to 5.1V
65
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits.
Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4876, TJMAX = 150˚C. The
typical junction-to-ambient thermal resistance is 140˚C/W for package number M08A.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 5: Machine Model, 220 pF–240 pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Electrical Characteristics V
DD = 5/3.3/2.6V
Symbol
Parameter
Conditions
LM4876
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
IH
Shutdown Input Voltage High
1.2
V(min)
V
IL
Shutdown Input Voltage Low
0.4
V(max)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com