Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SI7050 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI7050
Description  Thermostats
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7050 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI7050 Datasheet HTML 17Page - Silicon Laboratories SI7050 Datasheet HTML 18Page - Silicon Laboratories SI7050 Datasheet HTML 19Page - Silicon Laboratories SI7050 Datasheet HTML 20Page - Silicon Laboratories SI7050 Datasheet HTML 21Page - Silicon Laboratories SI7050 Datasheet HTML 22Page - Silicon Laboratories SI7050 Datasheet HTML 23Page - Silicon Laboratories SI7050 Datasheet HTML 24Page - Silicon Laboratories SI7050 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Si7050/1/3/4/5-A20
Rev. 1.14
21
10. PCB Land Pattern and Solder Mask Design
Figure 4. Si705x PCB Land Pattern
Table 14. PCB Land Pattern Dimensions
Symbol
mm
C1
2.90
E1.00
P1
1.60
P2
2.50
X1
0.45
Y1
0.85
Notes:
General
1.
All dimensions shown are at Maximum Material Condition (MMC). Least Material
Condition (LMC) is calculated based on a Fabrication Allowance of 0.05 mm.
2.
This Land Pattern Design is based on the IPC-7351 guidelines.
Solder Mask Design
3.
All metal pads are to be non-solder mask defined (NSMD). Clearance between the
solder mask and the metal pad is to be 60 µm minimum, all the way around the
pad.
Stencil Design
4.
A stainless steel, laser-cut and electro-polished stencil with trapezoidal walls
should be used to assure good solder paste release.
5.
The stencil thickness should be 0.125 mm (5 mils).
6.
The ratio of stencil aperture to land pad size should be 1:1 for all perimeter pins.
7.
A 2x1 array of 1.00 mm square openings on 1.30 mm pitch should be used for the
center ground pad to achieve a target solder coverage of 50%.
Card Assembly
8.
The recommended card reflow profile is per the JEDEC/IPC J-STD-020
specification for Small Body Components.
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com