Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MLF2012C150XT Datasheet(PDF) 3 Page - TDK Electronics

Part # MLF2012C150XT
Description  SMD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012C150XT Datasheet(HTML) 3 Page - TDK Electronics

  MLF2012C150XT Datasheet HTML 1Page - TDK Electronics MLF2012C150XT Datasheet HTML 2Page - TDK Electronics MLF2012C150XT Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
511_MLF2012
980820
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
MLF Series MLF2012 Type
For General Applications
SMD
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
INDUCTANCE CHANGE vs. TEMPERATURE
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Q vs. FREQUENCY CHARACTERISTICS
100
10
1
0.1
0.01
1
5
10
50 100
500 1000
DC current(mA)
22
µH
10
µH
0.1
µH
1
µH
Test equipment: LCR meter 4275A(YHP)
0
–4
–8
–12
–16
25
50
85
10
µH
0.1
µH
22
µH
0.1
µH
1
µH
10
µH
Temperature(°C)
0
–25
12
8
4
Test equipment: LCR meter 4275A(YHP)
1
µH
22
µH
Frequency(MHz)
22
µH
10
µH
1
µH
0.1
µH
1
5
10
50 100
500 1000
100
10
1
0.1
0.01
Test equipment: Impedance analyzer
4191A(YHP)
0.1
0.5 1
5 10
50 100
5001000
80
60
40
20
0
Frequency(MHz)
10
µH
1
µH
22
µH
0.1
µH
Test equipment: Impedance analyzer
4191A(YHP)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com