Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SFH4501 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4501
Description  Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4501 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH4501 Datasheet HTML 1Page - OSRAM GmbH SFH4501 Datasheet HTML 2Page - OSRAM GmbH SFH4501 Datasheet HTML 3Page - OSRAM GmbH SFH4501 Datasheet HTML 4Page - OSRAM GmbH SFH4501 Datasheet HTML 5Page - OSRAM GmbH SFH4501 Datasheet HTML 6Page - OSRAM GmbH SFH4501 Datasheet HTML 7Page - OSRAM GmbH SFH4501 Datasheet HTML 8Page - OSRAM GmbH SFH4501 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2001-03-09
6
SFH 4501, SFH 4502, SFH 4503
Radiation Characteristics
Ι
rel = f (ϕ)
SFH 4501
Radiation Characteristics
Ι
rel = f (ϕ)
SFH 4502
Radiation Characteristics
Ι
rel = f (ϕ)
SFH 4503
OHF00859
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
OHF00810
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
OHF01142
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com