Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4895 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4895
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4895 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4895 Datasheet HTML 1Page - National Semiconductor (TI) LM4895 Datasheet HTML 2Page - National Semiconductor (TI) LM4895 Datasheet HTML 3Page - National Semiconductor (TI) LM4895 Datasheet HTML 4Page - National Semiconductor (TI) LM4895 Datasheet HTML 5Page - National Semiconductor (TI) LM4895 Datasheet HTML 6Page - National Semiconductor (TI) LM4895 Datasheet HTML 7Page - National Semiconductor (TI) LM4895 Datasheet HTML 8Page - National Semiconductor (TI) LM4895 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4895
1 Watt Fully Differential Audio Power Amplifier With
Shutdown Select and Fixed 6dB Gain
General Description
The LM4895 is a fully differential audio power amplifier
primarily designed for demanding applications in mobile
phones and other portable communication device applica-
tions. It is capable of delivering 1 watt of continuous average
power to an 8
Ω load with less than 1% distortion (THD+N)
from a 5V
DC power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4895 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM4895 features a low-power consumption shutdown
mode. To facilitate this, Shutdown may be enabled by either
logic high or low depending on mode selection. Driving the
shutdown mode pin either high or low enables the shutdown
select pin to be driven in a likewise manner to enable Shut-
down. Additionally, the LM4895 features an internal thermal
shutdown protection mechanism.
The LM4895 contains advanced pop & click circuitry which
eliminates noises which would otherwise occur during
turn-on and turn-off transitions.
The LM4895 has an internally fixed gain of 6dB.
Key Specifications
j Improved PSRR at 217Hz
80dB
j Power Output at 5.0V & 1% THD
1.0W(typ.)
j Power Output at 3.3V & 1% THD
400mW(typ.)
j Shutdown Current
0.1µA(typ.)
Features
n
Fully differential amplification
n
Internal-gain-setting resistors
n
Available in space-saving packages micro SMD, MSOP
and LLP
n
Ultra low current shutdown mode
n
Can drive capacitive loads up to 500 pF
n
Improved pop & click circuitry eliminates noises during
turn-on and turn-off transitions
n
2.2 - 5.5V operation
n
No output coupling capacitors, snubber networks or
bootstrap capacitors required
n
Shutdown high or low selectivity
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20023201
FIGURE 1. Typical Audio Amplifier Application Circuit
October 2002
© 2002 National Semiconductor Corporation
DS200232
www.national.com


Similar Part No. - LM4895

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4890 TI-LM4890 Datasheet
1Mb / 36P
1 Watt Audio Power Amplifier
LM48901 TI-LM48901 Datasheet
821Kb / 51P
Audio Power Amplifier Series
LM48901RL TI-LM48901RL Datasheet
821Kb / 51P
Audio Power Amplifier Series
LM48901RLX TI-LM48901RLX Datasheet
821Kb / 51P
Audio Power Amplifier Series
More results

Similar Description - LM4895

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com