Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI6C2502 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C2502
Description  Phase-Locked Loop Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2502 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C2502 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2502 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8382B
03/20/02
Introduction
Because of today’s high-speed design demands, board designers
must have extensive knowledge concerning transmission line
effect, EMI, and crosstalk. They also need to understand board
materials, signal and power stacking, connectors, cables, vias, and
trace dimensions. Pericom Semiconductor Corporation offers an
extensive line of high-speed clock products for desktop, notebook,
set top boxes, information device, servers, and workstations. To
make high-speed chips function properly, a designer needs to rely
on accurate schematics and layout guidelines.
This application note focuses on Pericom’s PI6C2502 Zero- Delay
Clock Buffer, presenting schematics and layout guidelines for the
chip. Also listed are some decoupling guidelines that are important
for this chip’s varied applications.
DecouplingCapacitors
Every printed circuit board needs large bypass capacitors to
balance the inductance of the power-supply wiring. These capaci-
tors have some lead inductance that increase as the frequency goes
higher, which is why it is very important to place the capacitors as
close as possible to the VCC and Ground Pins on the Chip.
To reduce the series lead inductance effect, avoid the following:
1.Long traces larger than 0.
01 inch between capacitor pad and via
2.Use of capacitors other than surface mount
3.Via holes less than 0.
035-inch diameter
Pericom’sclocksusehigh-precision,integratedanalogPLLthatcan
be effected by the power supply and ground pins. Noise on these
two pins can dramatically increase skew and output jitter.
To minimize these problems, connect a 4.7µF, a 220nF , and a 2.2nF
capacitor to the digital supply pin. Also use one 4.7µF , one 220nF,
and one 2.2nF capacitor on the analog supply pin. Connect the other
side to the analog ground pin.
Place a10µFcapacitorfromthemainpowerislandtothepowerplane
that is supplied to the clock chip.
Use high-quality, low ESR, ceramic surface-mount capacitors.
Stacking
At low speeds, currents follow the least resistance path, but at high
speeds current follows the least inductance path. The lowest
inductance return path lies directly under the signal conductor.
Application Note
Layout and Schematic Guidelines
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2502
Phase-Locked Loop Clock Driver
This location minimizes the total loops needed between the outgo-
ing and returning paths. That is why it is important to separate the
signal layers by ground planes if possible. Also avoid totally
cutting part of the ground plane to be used for a signal’s path. That
is totally unacceptable, because it will increase crosstalk consider-
ably and does not provide a clean return to those signals. Also use
lower trace impedance because it lowers undershoot and over-
shoot. Always use FR-4 material for board fabrication. Use 4- layer
stack-up arrangement. Make sure you have a signal layer that is
followed by the ground layer, then a power layer, and finally the
second signal layer. Please see Figure 1 below.
Primary Signal
Layer (½ oz. cu.)
Ground Plane
(1 oz. cu.)
5 mils
47 mils
5 mils
PREPREG
CORE
Z = 60 Ohms
Z = 60 Ohms
Total Board Thickness = 62.6
PREPREG
Power Plane
(1 oz. cu.)
Secondary Signal
Layer (½ oz. cu.)
Figure1:Four-LayerBoardStack-up
Figure 2: Clock Trace Spacing Guidelines
Clock routing and spacing
To minimize crosstalk on the clock signals, use a minimum of
0.014-inch spacing between clock traces and others. If you have to
use serpentine to match trace lengths on similar chips, make sure
that you have at least 0.018-inch spacing for serpentines. Please see
Figure 2 below.
0.014"
0.018"
Clock



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com