Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T83C5121 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # T83C5121
Description  8-bit Microcontroller with Multi protocol SMART Card Interface
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button T83C5121 Datasheet HTML 67Page - ATMEL Corporation T83C5121 Datasheet HTML 68Page - ATMEL Corporation T83C5121 Datasheet HTML 69Page - ATMEL Corporation T83C5121 Datasheet HTML 70Page - ATMEL Corporation T83C5121 Datasheet HTML 71Page - ATMEL Corporation T83C5121 Datasheet HTML 72Page - ATMEL Corporation T83C5121 Datasheet HTML 73Page - ATMEL Corporation T83C5121 Datasheet HTML 74Page - ATMEL Corporation T83C5121 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
71
T8xC5121
4164E–SCR–02/04
Timers/Counters
Introduction
The T8xC5121 implements two general-purpose, 16-bit Timer 0s/Counters. Although
they are identified as Timer 0, Timer 1, you can independently configure each to operate
in a variety of modes as a Timer 0 or as an event Counter. When operating as a Timer 0,
a Timer 0/Counter runs for a programmed length of time, then issues an interrupt
request. When operating as a Counter, a Timer 0/Counter counts negative transitions
on an external pin. After a preset number of counts, the Counter issues an interrupt
request.
The Timer 0 registers and associated control registers are implemented as addressable
Special Function Registers (SFRs). Two of the SFRs provide programmable control of
the Timer 0s as follows:
•
Timer 0/Counter mode control register (TMOD) and Timer 0/Counter control register
(TCON) control respectively Timer 0 and Timer 1.
The various operating modes of each Timer 0/Counter are described below.
Timer 0/Counter
Operations
For example, a basic operation is Timer 0 registers THx and TLx (x = 0, 1) connected in
cascade to form a 16-bit Timer 0. Setting the run control bit (TRx) in the TCON register
(see Figure 55) turns the Timer 0 on by allowing the selected input to increment TLx.
When TLx overflows it increments THx and when THx overflows it sets the Timer 0 over-
flow flag (TFx) in the TCON register. Setting the TRx does not clear the THx and TLx
Timer 0 registers. Timer 0 registers can be accessed to obtain the current count or to
enter preset values. They can be read at any time but the TRx bit must be cleared to
preset their values, otherwise the behavior of the Timer 0/Counter is unpredictable.
The C/Tx# control bit selects Timer 0 operation or Counter operation by selecting the
divided-down system clock or the external pin Tx as the source for the counted signal.
The TRx bit must be cleared when changing the operating mode, otherwise the behavior
of the Timer 0/Counter is unpredictable.
For Timer 0 operation (C/Tx# = 0), the Timer 0 register counts the divided-down system
clock. The Timer 0 register incremented once every peripheral cycle.
Exceptions are the Timer 0 2 Baud Rate and Clock-Out modes in which the Timer 0 reg-
ister is incremented by the system clock divided by two.
For Counter operation (C/Tx# = 1), the Timer 0 register counts the negative transitions
on the Tx external input pin. The external input is sampled during every S5P2 state. The
Programmer’s Guide describes the notation for the states in a peripheral cycle. When
the sample is high in one cycle and low in the next one, the Counter is incremented. The
new count value appears in the register during the next S3P1 state after the transition
has been detected. Since it takes 12 states (24 oscillator periods) to recognize a nega-
tive transition, the maximum count rate is 1/24 of the oscillator frequency. There are no
restrictions on the duty cycle of the external input signal, but to ensure that a given level
is sampled at least once before it changes, it should be held for at least one full periph-
eral cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com