Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

8140MSD Datasheet(PDF) 5 Page - Mallory performance club

Part # 8140MSD
Description  MSD 44 Amp Pro Mag Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8140MSD Datasheet(HTML) 5 Page - Mallory performance club

  8140MSD Datasheet HTML 1Page - Mallory performance club 8140MSD Datasheet HTML 2Page - Mallory performance club 8140MSD Datasheet HTML 3Page - Mallory performance club 8140MSD Datasheet HTML 4Page - Mallory performance club 8140MSD Datasheet HTML 5Page - Mallory performance club 8140MSD Datasheet HTML 6Page - Mallory performance club 8140MSD Datasheet HTML 7Page - Mallory performance club 8140MSD Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
USER INFORMATION
5
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
TACHOMETERS AND DATA ACQUISITION EQUIPMENT
Tachometers and data acquisition systems require a certain type of trigger signal. Most of these
systems require either a 12-volt square wave signal or a current style inductive pickup. MSD has
components that can provide both signal types.
Tach Converter, PN 8132
This converts the Pro Mag’s
signal to a 12-volt square wave
with a 20% duty cycle. It will
work on all Pro Mag systems
and requires a 12 volt battery
source.
Tach Terminal
The MSD Timing Retard,
PN 8168 has a Tach
output terminal that pro-
vides a 12 volt square
wave signal.
GRID Tach Lead
GRAY - TACH
Figure 7 Wiring a Tachometer with the Tach Converter.
TACH TRIGGER WIRE
RED TO
SWITCHED 12V
ORANGE
FROM PRO MAG
BROWN/BLACK
INDICATES CONNECTION
BROWN/ORANGE
PRO MAG/VERTEX
BROWN/YELLOW
OTHER MAGNETOS
OR
BLACK
FROM
PRO MAG
MAG
KILL
SWITCH
BLACK
TO BATTERY (-)
TERMINAL
VIOLET
PRO MAG
TACH
CONVERTER
PN 8132
AUTOTRONIC CONTROLS CORPORATION
1490 HENRY BRENNAN., EL PASO, TX 79936
TM
IGNITION
TACH
Figure 6 Wiring a Tachometer with the Tach Converter.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com