Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BTB06 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTB06
Description  isc Triacs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTB06 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTB06 Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
BTB06 T/D/S/A
FEATURES
·
With TO-220AB non insulated package
·
Suitables for general purpose applications where gate high sensitivity is
required. application on 4Q such as phase control and static switching.
·
Minimum Lot-to-Lot variations for robust device performance and reliable
operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
IT(RMS)
RMS on-state current (full sine wave)Tj=90℃
6
A
ITSM
Non-repetitive peak on-state current tp=10ms
60
A
Tj
Operating junction temperature
110
℃
Tstg
Storage temperature
-45~150
℃
Rth(j-c)
Thermal resistance, junction to case
3.2
℃
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
℃
/W
SYMBOL
PARAMETER
400T/D/S/A
600T/D/S/A
700T/D/S/A
UNIT
VDRM
Repetitive peak off-state voltage
400
600
700
V
VRRM
Repetitive peak reverse voltage
400
600
700
V
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=110℃
0.01
0.75
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=110℃
0.01
0.75
mA
IGT
Gate trigger current
Ⅰ
-Ⅱ-Ⅲ
VD=12V; RL= 33Ω
T
D
S
A
mA
5
5
10
10
Ⅳ
5
10
10
25
IH
Holding current
IGT= 0.1A, Gate Open
15
15
25
25
mA
VGT
Gate trigger voltage all quadrant VD=12V; RL= 30Ω
1.5
V
VTM
On-state voltage
IT= 8.5A
1.65
V


Similar Part No. - BTB06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06 STMICROELECTRONICS-BTB06 Datasheet
69Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
logo
Sirectifier Semiconduct...
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Suntac Electronic Corp.
BTB06 SUNTAC-BTB06 Datasheet
72Kb / 4P
6A TRIACS
logo
Sirectifier Global Corp...
BTB06 SIRECT-BTB06 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
JIEJIE MICROELECTRONICS...
BTB06 JIEJIE-BTB06 Datasheet
578Kb / 5P
6A TRIACs
More results

Similar Description - BTB06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
TPDV1240RG ISC-TPDV1240RG Datasheet
221Kb / 1P
isc Triacs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com