Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

8142 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8142
Description  Pro Mag 44 Coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8142 Datasheet(HTML) 1 Page - Mallory performance club

  8142 Datasheet HTML 1Page - Mallory performance club 8142 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be entered
in our monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
IMPORTANT: Read these instructions completely before attempting the installation.
Parts Included:
1 - Pro Mag 44 Coil
4 - Vibration Mounts
MOUNTING
The Pro Mag 44 Coil may be mounted in any position as long as it is kept clear of direct engine heat
sources. A template is supplied to mark the location of the mounting holes. Make sure the wiring
harness from the Points Box and the Spark Plug Wire reach the coil terminals. Drill the holes with a
1/4" bit and install the supplied vibration mounts.
WIRING
PRIMARY COIL WIRES
The primary coil wires of the Electronic Points Box may be shortened as long as new connectors are
crimped and soldered in place. It is not recommended to lengthen the coil wires.
GROUND WIRES
It is necessary to connect additional ground wires from the remaining coil terminal to ground on the
engine cylinder heads, another to the chassis and a loop to the coil negative (-) terminal (Figure 1).
Twelve or 14 gauge wire must be used. These wires ensure a good ground path.
1. The Red lead connects to the coil positive (+) terminal.
2. Connect the Black lead to the coil negative (-) terminal.
3. Connect the supplied short loop between the coil negative terminal and the outer terminal.
4. Two ground wires must be connected to the remaining terminal of the coil. One must be connected
to the chassis ground and another to the cylinder heads (Figure 1).
1 - Jumper Wire
Pro Mag 44 Coil
PN 8142


Similar Part No. - 8142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8142 ETC1-8142 Datasheet
30Kb / 1P
Diagonal cutters oval
logo
Belden Inc.
8142 BELDEN-8142 Datasheet
165Kb / 2P
RS232/485 Low Cap, #28-12.5pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
logo
Keystone Electronics Co...
8142 KEYSTONE-8142 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
Belden Inc.
81420601000 BELDEN-81420601000 Datasheet
165Kb / 2P
RS232/485 Low Cap, #28-12.5pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8142060500 BELDEN-8142060500 Datasheet
165Kb / 2P
RS232/485 Low Cap, #28-12.5pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
More results

Similar Description - 8142

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8130 MALLORY-PN8130 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
PN8142 MALLORY-PN8142 Datasheet
111Kb / 2P
Pro Mag 44 Coil
8130 MALLORY-8130 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
8140MSD MALLORY-8140MSD Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
81305 MALLORY-81305 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
81403 MALLORY-81403 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
81405 MALLORY-81405 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
81407 MALLORY-81407 Datasheet
824Kb / 8P
MSD 44 Amp Pro Mag Generator
81473 MALLORY-81473 Datasheet
107Kb / 2P
Pro Mag 44 Electronic Points Box
81423 MALLORY-81423 Datasheet
111Kb / 2P
Pro Mag 44 Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com