Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LF351 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF351
Description  LF351 Wide Bandwidth JFET Input Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF351 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF351 Datasheet HTML 1Page - National Semiconductor (TI) LF351 Datasheet HTML 2Page - National Semiconductor (TI) LF351 Datasheet HTML 3Page - National Semiconductor (TI) LF351 Datasheet HTML 4Page - National Semiconductor (TI) LF351 Datasheet HTML 5Page - National Semiconductor (TI) LF351 Datasheet HTML 6Page - National Semiconductor (TI) LF351 Datasheet HTML 7Page - National Semiconductor (TI) LF351 Datasheet HTML 8Page - National Semiconductor (TI) LF351 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
18V
Power Dissipation (Notes 1 and 6)
670 mW
Operating Temperature Range
0 Cto a70 C
Tj(MAX)
115 C
Differential Input Voltage
g
30V
Input Voltage Range (Note 2)
g
15V
Output Short Circuit Duration
Continuous
Storage Temperature Range
b
65 Cto a150 C
Lead Temp (Soldering 10 sec)
Metal Can
300 C
DIP
260 C
ijA
N Package
120 CW
M Package
TBD
Soldering Information
Dual-In-Line Package
Soldering (10 sec)
260 C
Small Outline Package
Vapor Phase (60 sec)
215 C
Infrared (15 sec)
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
ESD rating to be determined
DC Electrical Characteristics (Note 3)
Symbol
Parameter
Conditions
LF351
Units
Min
Typ
Max
VOS
Input Offset Voltage
RS e 10 kX TA e 25 C
5
10
mV
Over Temperature
13
mV
D
VOS DT
Average TC of Input Offset
RSe10 kX
10
m
V C
Voltage
IOS
Input Offset Current
Tj e 25 C (Notes 3 4)
25
100
pA
Tj s 70 C4
nA
IB
Input Bias Current
Tj e 25 C (Notes 3 4)
50
200
pA
Tj s g70 C8
nA
RIN
Input Resistance
Tje25 C1012
X
AVOL
Large Signal Voltage Gain
VSe g15V TAe25 C
25
100
VmV
VOe g10V RLe2kX
Over Temperature
15
VmV
VO
Output Voltage Swing
VSe g15V RLe10 kX
g
12
g
135
V
VCM
Input Common-Mode Voltage
a
15
V
Range
VSe g15V
g
11
b
12
V
CMRR
Common-Mode Rejection Ratio
RSs10 kX
70
100
dB
PSRR
Supply Voltage Rejection Ratio
(Note 5)
70
100
dB
IS
Supply Current
18
34
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com