Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD622 Datasheet(PDF) 6 Page - Analog Devices

Part # AD622
Description  Low Cost Instrumentation Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD622_16 Datasheet HTML 2Page - Analog Devices AD622_16 Datasheet HTML 3Page - Analog Devices AD622_16 Datasheet HTML 4Page - Analog Devices AD622_16 Datasheet HTML 5Page - Analog Devices AD622_16 Datasheet HTML 6Page - Analog Devices AD622_16 Datasheet HTML 7Page - Analog Devices AD622_16 Datasheet HTML 8Page - Analog Devices AD622_16 Datasheet HTML 9Page - Analog Devices AD622_16 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
AD622
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation1
650 mW
Input Voltage (Common Mode)
±VS
Differential Input Voltage2
±25 V
Output Short Circuit Duration
Indefinite
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
1
Specification is for device in free air; see Table 4.
2
May be further restricted for gains greater than 14. See the Input Protection
section for more information.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the device in free air.
Table 4. Thermal Resistance
Package Type
θJA
Unit
8-Lead PDIP (N-8)
95
°C/W
8-Lead SOIC_N (R-8)
155
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com