Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4927-2YCPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4927-2YCPZ-R7
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-2YCPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4927-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4927-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ADA4927-1/ADA4927-2
Data Sheet
Rev. B | Page 16 of 25
TEST CIRCUITS
ADA4927
1kΩ
+5V
–5V
301Ω
301Ω
50Ω
301Ω
0.1µF
301Ω
DC-COUPLED
GENERATOR
56.2Ω
VIN
Figure 43. Equivalent Basic Test Circuit, G = 1
ADA4927
+5V
0.1µF
–5V
301Ω
301Ω
50Ω
301Ω
NETWORK
ANALYZER
OUTPUT
AC-COUPLED
301Ω
49.9Ω
49.9Ω
VOCM
56.2Ω
VIN
DIFFERENTIAL
NETWORK
ANALYZER INPUT
DIFFERENTIAL
NETWORK
ANALYZER INPUT
50Ω
50Ω
Figure 44. Test Circuit for Output Balance, CMRR
ADA4927
+5V
–5V
301Ω
301Ω
50Ω
301Ω
442Ω
442Ω
0.1µF
301Ω
VOCM
56.2Ω
25.5Ω
261Ω
200Ω
HP
LP
2:1
50Ω
CT
VIN
LOW-PASS
FILTER
0.1µF
0.1µF
DUAL
FILTER
DC-COUPLED
GENERATOR
Figure 45. Test Circuit for Distortion Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com