Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

369B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 369B
Description  AC voltage and current measurements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

369B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  369B Datasheet HTML 1Page - List of Unclassifed Manufacturers 369B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
Multimeters
Digital Clamp Meters
Technical data subject to change
© B&K Precision Corp. 2016
www.bkprecision.com
Model
369B
367A
350B
330B
AC Current
1000 A
2000 A
1000 A
1000 A
DC Current
1000 A
2000 A
--
--
AC Voltage
750 V
750 V
750 V
750 V
DC Voltage
1000 V
1000 V
1000 V
1000 V
Resistance
40 MΩ
40 MΩ
30 MΩ
2000 MΩ
Frequency
--
Capacitance
--
--
True RMS
--
--
Continuity
Diode
Count Resolution
4000
4000
3200
2000
Bargraph
--
Data Hold
Peak Hold
--
Max Hold
--
--
--
Range Hold
--
Max/Min Hold
--
--
Relative
--
--
Auto Off
30 min.
30 min.
10 min.
--
One-Year Warranty
Supplied Accessories
Battery, Test leads, Instruction Manual, Carrying Case
Optional Accessories
TL 1 replacement test leads , TL 2A deluxe test leads, TL 3 accessory tIp kit (for TL 2A),
TL 130A general purpose DMM kit, PR 28A high voltage probe, LC 33 carrying case
B&K Precision offers a variety of current clamps
from small to large, for safe non-invasive current
measurements. These meters also measure
voltage and resistance. Some models even
support frequency and capacitance
measurements, and include special features
such as recording capabilities of minimum and
maximum values, peak values, and diode testing.
Common Features & Benefits
n
AC voltage and current measurements
n
Resistance measurements
n
Audible continuity
n
Data hold
n
Low battery indicator
n
Overload protection
n
CE Approval
369B
367A
350B
330B


Similar Part No. - 369B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
369 ETC2-369 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
369 ETC2-369 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
3M Electronics
369 3M-369 Datasheet
133Kb / 4P
3M™ Tartan™ Box Sealing Tape 369
Jun-2017
logo
Littelfuse
369 LITTELFUSE-369 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
369 ADAFRUIT-369 Datasheet
186Kb / 2P
Male DC Power adapter - 2.1mm plug to screw terminal block
10/5/2015
More results

Similar Description - 369B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVT-DINAV5AD01X ETC2-CVT-DINAV5AD01X Datasheet
59Kb / 2P
Compact Transducer for AC Measurements
logo
Extech Instruments Corp...
DVA30 EXTECH-DVA30 Datasheet
147Kb / 4P
AC Voltage and Current Detector
logo
National Instruments Co...
USB-9237 NI-USB-9237 Datasheet
967Kb / 4P
Strain- and Bridge-Based Measurements
logo
Intersil Corporation
AN1560.1 INTERSIL-AN1560.1 Datasheet
1Mb / 7P
Making Accurate Voltage Noise and Current Noise Measurements
logo
Omron Electronics LLC
K35-3 OMRON-K35-3 Datasheet
339Kb / 17P
A Process Indicator Ideal for Discriminating and Displaying Measurements for Voltage/Current Signals
logo
Extech Instruments Corp...
DVA30 EXTECH-DVA30_15 Datasheet
168Kb / 1P
Non-Contact AC Voltage and Current Detector
logo
Infineon Technologies A...
TLI4970-D050T5 INFINEON-TLI4970-D050T5_16 Datasheet
2Mb / 31P
Miniature coreless magnetic current sensor for AC and DC measurements
Rev. 1.1, 2016-06-17
logo
Vicor Corporation
IB050E120T40N1-CB VICOR-IB050E120T40N1-CB Datasheet
1Mb / 5P
Oscilloscope probe jack for output voltage and ripple measurements
logo
Coolgear Inc.
CG-31G1EA4K COOLGEAR-CG-31G1EA4K Datasheet
252Kb / 3P
Basic Measurements Port Measurements
7/30/2021
CG-USB30ISO COOLGEAR-CG-USB30ISO Datasheet
257Kb / 3P
Basic Measurements Port Measurements
4/5/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com