Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML6652CH Datasheet(PDF) 21 Page - Micro Linear Corporation

Part # ML6652CH
Description  10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6652CH Datasheet(HTML) 21 Page - Micro Linear Corporation

Back Button ML6652CH Datasheet HTML 17Page - Micro Linear Corporation ML6652CH Datasheet HTML 18Page - Micro Linear Corporation ML6652CH Datasheet HTML 19Page - Micro Linear Corporation ML6652CH Datasheet HTML 20Page - Micro Linear Corporation ML6652CH Datasheet HTML 21Page - Micro Linear Corporation ML6652CH Datasheet HTML 22Page - Micro Linear Corporation ML6652CH Datasheet HTML 23Page - Micro Linear Corporation ML6652CH Datasheet HTML 24Page - Micro Linear Corporation ML6652CH Datasheet HTML 25Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ML6652
21
January 2002
Preliminary Datasheet
CONTROL REGISTERS
Bit
Name
Description
R/W
Default
15
Power Down
Setting bit to 1 powers down all circuits and resets all
R/W
0
control logic. Register bits are not reset (except the management interface)
and new configuration data is not loaded
14
FOUTOFF
Setting bit to 1 turns off the output stage of the Fiber Optic
R/W
0
driver leaving the output pins in a high impedance state.
Setting bit to 1 creates the exact same results as a 0 input on FOUTOFF#
13
TPOUTOFF
Setting bit to 1 turns off the output stage of the twisted pair
R/W
0
line driver leaving the output pins in a high impedance state. Setting bit
to 1 creates exact same result as 0 input on TPOUTOFF#
12
LPBKTOTP
Setting bit to 1 directs TPINP (pin 10) and TPINN (pin 11)
R/W
0
to loop back to TPOUTP (pin 1) and TPOUTN (pin 3). Including
the PLL in the 100Mbps signal path is controlled by <31:10>,
PLLCPBK#
11
LPBKTOFO
Setting bit to 1 directs FOINP (pin 33) and FOINN (pin 32)
R/W
0
to loop back to IOUT (pin 21) and IOUT# (pin 22). Including the
PLL in the 100Mbps signal path is controlled by <31:10> PLLCPBK#.
10
PLLCPBK#
Setting bit to 1 removes the clock/data recovery PLL from
R/W
0
the signal path during 100Mbps loop back modes
7-4
Reserved
3-0
Reserved
Control Registers
Register 31 ADDR 11111 (bin) 1F (hex) All bits are R/W All bits default to 0
Register 30 ADDR 11110 (bin) 1E (hex) All bits are R/W
15
ADVERTHD#
Setting bit to 1 AND TRANSPARENT# <30.11> set to 1
R/W
0
causes Half Duplex capability to be advertised in FLP bursts
Setting bit to 0 AND TRANSPARENT# <30.11> set to 1
causes Half Duplex capability to not be advertised in FLP bursts
Setting TRANSPARENT# <30.11> to 0 causes ADVERTHD#
to be ignored
14
DSBLAN
Setting bit to 1 disables detection of FLNP and FLP bursts
R/W
Set by
SPEED
(pin 27)
13
RESET
Setting this bit to 1 causes all configuration pins to be read
R/W
0
and all register bits to be initialized 3 to 8µs after the bit is
returned to a 0. The bit is self clearing
12
LIW
Setting this bit to 1 enables the Link Integrity Warning function
R/W
Set by
AD4LIW
(pin 4)
11
TRANSPARENT#
Setting bit to 1 enables NON-TRANSPARENT Mode of operation
R/W
Set by
Setting bit to 0 enables TRANSPARENT Mode of operation
DUPLEX
(pin 25)
10
ADVERTFD#
Setting bit to 0 and TRANSPARENT# <30.11> set to 1
R/W
Set by
causes Full Duplex capability to be advertised in FLP bursts
DUPLEX
Setting bits to 1 and TRANSPARENT# <30.11> set to 0
(pin 25)
causes Full Duplex capability to not be advertised in FLP bursts
Setting TRANSPARENT# <30.11> to 0 causes ADVERFTD#
to be ignored
Bit
Name
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com