Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4950-1YCPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4950-1YCPZ-R7
Description  Low Power, Selectable Gain Differential ADC Driver, G = 1, 2, 3
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4950-1YCPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4950-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4950-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4950-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4950-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4950-1YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4950-1YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4950-1YCPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4950-1YCPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4950-1YCPZ-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Data Sheet
ADA4950-1/ADA4950-2
Rev. B | Page 25 of 26
OUTLINE DIMENSIONS
1.45
1.30 SQ
1.15
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
3.10
3.00 SQ
2.90
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.30
0.23
0.18
COMPLIANT TO JEDEC STANDARDS MO-220-WEED.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.80
0.75
0.70
Figure 64. 16-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
3 mm × 3 mm Body, Very Very Thin Quad (CP-16-21)
Dimensions shown in millimeters
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD-8.
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.30
0.25
0.20
PIN 1
INDICATOR
0.20 MIN
2.40
2.30 SQ
2.20
EXPOSED
PAD
Figure 65. 24-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
4 mm × 4 mm Body, Very Very Thin Quad (CP-24-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
ADA4950-1YCPZ-R2
−40°C to +105°C
16-Lead LFCSP_WQ
CP-16-21
250
H1L
ADA4950-1YCPZ-RL
−40°C to +105°C
16-Lead LFCSP_WQ
CP-16-21
5,000
H1L
ADA4950-1YCPZ-R7
−40°C to +105°C
16-Lead LFCSP_WQ
CP-16-21
1,500
H1L
ADA4950-1YCP-EBZ
Evaluation Board
ADA4950-2YCPZ-R2
−40°C to +105°C
24-Lead LFCSP_WQ
CP-24-14
250
ADA4950-2YCPZ-RL
−40°C to +105°C
24-Lead LFCSP_WQ
CP-24-14
5,000
ADA4950-2YCPZ-R7
−40°C to +105°C
24-Lead LFCSP_WQ
CP-24-14
1,500
ADA4950-2YCP-EBZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com