Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9371 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9371
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9371 Datasheet HTML 17Page - Analog Devices AD9371 Datasheet HTML 18Page - Analog Devices AD9371 Datasheet HTML 19Page - Analog Devices AD9371 Datasheet HTML 20Page - Analog Devices AD9371 Datasheet HTML 21Page - Analog Devices AD9371 Datasheet HTML 22Page - Analog Devices AD9371 Datasheet HTML 23Page - Analog Devices AD9371 Datasheet HTML 24Page - Analog Devices AD9371 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 21 of 60
–80
–180
–160
–140
–170
–150
–130
–120
–110
–100
–90
0
5
10
15
20
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 29. Transmitter Noise vs. RF Attenuation, 800 MHz LO,
20 MHz Offset Frequency
–40
–80
–75
0
4
8
12
16
20
RF ATTENUATION (dB)
+110°C LOWER
+40°C LOWER
–40°C LOWER
+110°C UPPER
+40°C UPPER
–40°C UPPER
–70
–65
–60
–55
–50
–45
Figure 30. Tx Adjacent Channel Leakage Ratio vs. RF Attenuation, 900 MHz LO,
20 MHz RF Bandwidth, Four-Carrier W-CDMA Desired Signal, Transmitter
QEC and LO Leakage Tracking Active
–40
–80
–75
0
4
8
12
16
20
RF ATTENUATION (dB)
+110°C LOWER
+40°C LOWER
–40°C LOWER
+110°C UPPER
+40°C UPPER
–40°C UPPER
–70
–65
–60
–55
–50
–45
Figure 31. Tx Alternate Channel Leakage Ratio vs. RF Attenuation,
900 MHz LO, 20 MHz RF Bandwidth, Four-Carrier W-CDMA Desired Signal,
2 dB Digital Backoff, Transmitter QEC and LO Leakage Tracking Active
–60
–150
–130
–140
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
–120
–110
–100
–90
–80
–70
Figure 32. LO Phase Noise vs. Offset Frequency, 3 dB Digital Backoff,
710 MHz LO
1.0
0
0.2
0.4
0.1
0.3
0.5
0.6
0.7
0.8
0.9
300
400
500
600
700
800
900
1000
TRANSMITTER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 33. Tx Integrated Phase Noise vs. Transmitter LO Frequency,
20 MHz RF Bandwidth, CW 20 MHz Offset from LO, 3 dB Digital Backoff
35
0
5
10
15
20
25
30
0
6
12
18
410
16
2
8
14
20
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 34. Transmitter OIP3 vs. RF Attenuation, 800 MHz LO,
20 MHz RF Bandwidth, f1 = 10 MHz, f2 = 11 MHz, 3 dB Digital Backoff,
122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com