Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZLED7015 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ZLED7015
Description  1.0MHz Boost Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7015 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ZLED7015 Datasheet HTML 13Page - Integrated Device Technology ZLED7015 Datasheet HTML 14Page - Integrated Device Technology ZLED7015 Datasheet HTML 15Page - Integrated Device Technology ZLED7015 Datasheet HTML 16Page - Integrated Device Technology ZLED7015 Datasheet HTML 17Page - Integrated Device Technology ZLED7015 Datasheet HTML 18Page - Integrated Device Technology ZLED7015 Datasheet HTML 19Page - Integrated Device Technology ZLED7015 Datasheet HTML 20Page - Integrated Device Technology ZLED7015 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
17
April 20, 2016
3
Application Circuit Design
The following sections cover selection of the external components shown in the typical application on page 1.
3.1
External Component – RS
Recommendation: Use precision resistors (±1% or better tolerance) for the RS resistor to ensure accurate control
of the LED current.
See section 2.2.1 for the equation for selecting the value of RS, which sets the nominal current output.
3.2
External Component – Inductor L1
Designing the circuit so that the current through inductor L1 is always above 0V (i.e., continuous mode) typically
gives the best performance due to improved load regulation and reduced output ripple. Select an inductor that has
a saturation current and a current rating greater than the mean input current.
The inductor value selection requires trade-offs between unwanted ripple current and parasitic effects. A larger
value inductor reduces inductor ripple current, resulting in less output ripple voltage; however, higher values also
increase parasitic resistance, which can degrade performance. For most applications, a 10µH inductor with a
saturation current >2.5A is adequate. See section 7.4 for layout restrictions.
3.3
External Components – Input Decoupling Capacitors C1 and CIN
The input capacitors C1 and CIN minimize the input voltage noise and ripple. Recommendation: use a 22µF or
larger low-ESR electrolytic capacitor for CIN in parallel with a 1µF ceramic capacitor rated at greater than the input
voltage plus a safety margin for C1.
3.4
External Component –Output Capacitors C2 and COUT
The output capacitors C2 and COUT minimize the output voltage ripple. Recommendation: use a 22µF or larger
low-ESR electrolytic capacitor for COUT in parallel with a 1µF ceramic capacitor rated at greater than the output
voltage plus a safety margin for C2.
3.5
External Component – Diode D1
For the diode D1, select a high-speed, low-capacitance Schottky diode with low reverse leakage at the maximum
operating voltage and temperature to ensure maximum efficiency and performance.
Important: Choose diodes with a continuous current rating higher than the maximum output load current and a
peak current rating above the peak coil current. When operating above 85°C, the reverse leakage of the diode
must be addressed because it can cause excessive power dissipation in the diode, especially when the output
voltage is relatively high. Its reverse breakdown voltage must be greater than the over-voltage protection level
VOVP (see section 4.2).
Note: Silicon diodes have higher forward voltage and higher voltage overshoot before they start conducting, which
can increase the peak voltage on the LX output. Ensure that the total voltage appearing on the LX pin, including
supply ripple, is within the specified range (see Table 1.1).
3.6
Additional External Components
For the VDD input, connect resistor RVDD to the positive power supply and connect ceramic capacitor CVDD to
ground. Recommendations: use 1µF for CVDD; use 300
Ω for R
VDD with input voltages
≥ 8V, use 50Ω for R
VDD with
input voltages < 8V.
For the VP pin, connect a 10µF ceramic bypass capacitor to ground (CVP).
If the EN pin is not used, connect a 100k
Ω resistor to the positive power supply (R
EN). Do not allow the EN pin to
float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com