Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4522-2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4522-2
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4522-2 Datasheet HTML 17Page - Analog Devices ADA4522-2 Datasheet HTML 18Page - Analog Devices ADA4522-2 Datasheet HTML 19Page - Analog Devices ADA4522-2 Datasheet HTML 20Page - Analog Devices ADA4522-2 Datasheet HTML 21Page - Analog Devices ADA4522-2 Datasheet HTML 22Page - Analog Devices ADA4522-2 Datasheet HTML 23Page - Analog Devices ADA4522-2 Datasheet HTML 24Page - Analog Devices ADA4522-2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
Rev. E | Page 21 of 32
THEORY OF OPERATION
The ADA4522-1/ADA4522-2/ADA4522-4 are single, dual, and
quad, ultralow noise, high voltage, zero drift, rail-to-rail output
operational amplifiers. They feature a chopping technique that
offers an ultralow input offset voltage of 5 µV and an input
offset voltage drift of 22 nV/°C maximum for theADA4522-1 and
ADA4522-2 and 25 nV/°C maximum for the ADA4522-4. Offset
voltage errors due to common-mode voltage swings and power
supply variations are also corrected by the chopping technique,
resulting in a superb typical CMRR figure of 160 dB and a
PSRR figure of 160 dB at a 30 V supply voltage.
The ADA4522-1/ADA4522-2/ADA4522-4 have wide operating
voltages from ±2.25 V (or 4.5 V) to ±27.5 V (or 55 V). The
devices are single supply amplifiers, where their input voltage
range includes the lower supply rail. They also offer low voltage
noise density of 5.8 nV/√Hz (at f = 1 kHz, AV = 100) and reduced
1/f noise component. These features are ideal for the amplifica-
tion of low level signals in high precision applications. A few
examples of such applications are weigh scales, high precision
current sensing, high voltage buffers, and signal conditioning
for temperature sensors, among others.
Figure 71 shows the ADA4522-1/ADA4522-2/ADA4522-4
architecture block diagram. The architecture consists of an
input EMI filter and clamp circuitry, three gain stages (Gm1, Gm2,
and Gm3), input and output chopping networks (CHOPIN and
CHOPOUT), a clock generator, offset and ripple correction loop
circuitry, frequency compensation capacitors (C1, C2, and C3),
and thermal shutdown circuitry.
An EMI filter and clamp circuit is implemented at the input
front end to protect the internal circuitry against electrostatic
discharge (ESD) stresses and high voltage transients. The ability
of the amplifier to reject EMI is explained in detail in the EMI
Rejection Ratio section.
CHOPIN and CHOPOUT are controlled by a clock generator and
operate at 4.8 MHz. The input baseband signal is initially
modulated by CHOPIN. Next, CHOPOUT demodulates the input
signal and modulates the millivolt level input offset voltage and
1/f noise of the input transconductance amplifier, Gm1, to the
chopping frequency at 4.8 MHz. The chopping networks remove
the low frequency errors, but, in return, the networks introduce
chopping artifacts at the chopping frequency. Therefore, a offset
and ripple correction loop, operating at 800 kHz, is used. This
frequency is the switching frequency of the amplifier. This
circuitry reduces chopping artifacts, allowing the ADA4522-1/
ADA4522-2/ADA4522-4 to have a high chopping frequency
with minimal artifacts.
The thermal shutdown circuit shuts down the circuit when
the die is overheated (see the Thermal Shutdown section for
more information).
Gm1
Gm2
Gm3
EMI
FILTER
AND
CLAMP
THERMAL
SHUTDOWN
OFFSET
AND RIPPLE
CORRECTION
LOOP
+IN x
–IN x
CHOPIN
CHOPOUT
C3
OUT
C2
C1
4.8MHz CLOCKS
800kHz CLOCKS
CLOCK
GENERATOR
NOTES
1. THE INPUTS ARE +IN x/–IN x ON THE ADA4522-2 AND ADA4522-4,
AND +IN/–IN ON THE ADA4522-1.
2. THE OUTPUT IS OUT ON THE ADA4522-1 AND OUT x ON THE
ADA4522-2 AND ADA4522-4.
Figure 71. ADA4522-1/ADA4522-2/ADA4522-4 Architecture Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com