Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4530-1R-EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4530-1R-EBZ
Description  Easy modifications to other standard configurations
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1R-EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4530-1R-EBZ Datasheet HTML 3Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 4Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 5Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 6Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 7Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 8Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 9Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 10Page - Analog Devices ADA4530-1R-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ADA4530-1R-EBZ User Guide
UG-865
Rev. 0 | Page 7 of 14
BUFFER WITH RESISTOR AT IN+ TO GROUND
To configure the DUT as a buffer with a large resistor at the
noninverting pin to ground, use the ADA4530-1R-EBZ-BUF
evaluation board and remove JP1. Large value, through hole
resistors (RS2) can be placed between the noninverting pin and
ground using the P7 and P4 pin sockets. Place one end of the
leaded resistor at P7 and the other end at P4 (GND). If an SMT
resistor is used, use the RS1 pad instead. The RS1 pad allows the
assembly of a 1206 or 1210 package size resistor. This configu-
ration allows the user to measure IB+, where VOUT = IB+ × RS1 or
VOUT = IB+ × RS2.
Table 4. Buffer with Resistor at IN+ to Ground Pad
Configuration1
Pad
Description
JP1
0 Ω
JP3
Unconnected
RF1
0 Ω
RS12
Used for a SMT source resistor
RS22
Used for a through hole source resistor
1 Use the ADA4530-1R-EBZ-BUF board.
2 Assemble either RS1 or RS2..
RS1
(SMT)
RS2
(THROUGH HOLE)
RF1
0Ω
Figure 9. Buffer with Resistor at IN+ to Ground
J2
(BNC)
OUTPUT
U1
V+
VOUT
RO
499Ω
RF1
0Ω
V–
RS2
(THROUGH HOLE)
JP1
0Ω
RS1
(SMT)
J1
(TRIAX)
INPUT
TRIAX
GUARD
Figure 10. Buffer with Resistor at IN+ to Ground Schematic
NONINVERTING GAIN
To configure the ADA4530-1 in a noninverting gain, use the
components shown in Table 5. Choose appropriate RF1 and
RS3 values for the desired gain. Note that the pre-assembled
RF1 must be replaced with a resistor of choice.
Table 5. Noninverting Gain Pad/Connector Configuration1
Pad/Connector
Description
JP1
0 Ω
JP3
Short TRIAX GUARD to AMP GUARD
RF1
Replace 0 Ω resistor with resistor of choice
RS3
Populate with resistor of choice
1 Use the ADA4530-1R-EBZ-BUF board.
SHORT TRIAX GUARD
TO AMP GUARD
RF1
RS3
JP1
0Ω
Figure 11. Noninverting Gain
J2
(BNC)
OUTPUT
J1
(TRIAX)
INPUT
TRIAX
GUARD IS
CONNECTED
TO AMP GUARD
U1
V+
VOUT
RO
499Ω
RF1
V–
RS3
JP1
0Ω
Figure 12. Noninverting Gain Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com