Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAC5210 Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # PAC5210
Description  Power Application Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5210 Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button PAC5210 Datasheet HTML 17Page - Active-Semi, Inc PAC5210 Datasheet HTML 18Page - Active-Semi, Inc PAC5210 Datasheet HTML 19Page - Active-Semi, Inc PAC5210 Datasheet HTML 20Page - Active-Semi, Inc PAC5210 Datasheet HTML 21Page - Active-Semi, Inc PAC5210 Datasheet HTML 22Page - Active-Semi, Inc PAC5210 Datasheet HTML 23Page - Active-Semi, Inc PAC5210 Datasheet HTML 24Page - Active-Semi, Inc PAC5210 Datasheet HTML 25Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
PAC5210
Power Application Controller
10. MULTI-MODE POWER MANAGER (MMPM)
10.1. Features
Multi-mode switching supply controller configurable as high voltage or ultra-high-voltage buck, AC/DC flyback
DC supply up to 52V or line AC input
4 linear regulators with power and hibernate management
Power and temperature monitor, warning, and fault detection
10.2. Block Diagram
10.3. Functional Description
The Multi-Mode Power Manager (Figure 10-1) is optimized to efficiently provide "all-in-one" power management
required by the PAC and associated application circuitry from a wide range of input power sources. It
incorporates a dedicated multi-mode switching supply (MMSS) controller operable as a buck, flyback, or boost
converter to efficiently convert power from a DC or AC input source to generate a main supply output V P. Four
linear regulators provide VSYS, VCCIO, VCC33, and VCC18 supplies for 5V system, 5V or 3.3V I/O, 3.3V mixed signal,
and 1.8V microcontroller core circuitry. The power manager also handles system functions including internal
reference generation, timers, hibernate mode management, and power and temperature monitoring.
10.3.1. Multi-Mode Switching Supply (MMSS) Controller
The MMSS controller drives an external power transistor for pulse-width modulation switching of an inductor or
transformer for power conversion. The DRM output drives the gate of the n-channel MOSFET or the base of the
NPN between the VHM on state and VSSP off state at proper duty cycle and switching frequency to ensure that the
main supply voltage VP is regulated. The VP regulation voltage is initially set to 9V during start up, and can be
- 21 -
Rev 1.6‒April 15, 2016
Figure 10-1. Multi-Mode Power Manager
IMOD
DAC
CSM
CURR
SENSE
DRM
DRIVER
MULTI-MODE POWER MANAGER
VHM
VSSP
PWM
LOGIC
ERROR
AMP
LINEAR
REG
VCCIO
LINEAR
REG
VCC33
LINEAR
REG
VCC18
SYSTEM
SUPPLY
REG
VOLTAGE
SETTING
VP
REGO
VSYS
COMP &
CURR LIMIT
CLAMP
ERROR
COMP
MULTI-MODE SWITCHING
SUPPLY CONTROLLER
POWER
OK & OVP
START UP &
MODE CTRL
1.2V
HIBERNATE
2.5V V
REF
TIMERS
POWER
& TEMP
MON
VSSA
VSS
V
MON
V
THREF
V
TEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com