Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM7905C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7905C
Description  LM79XX Series 3-Terminal Negative Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7905C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM7905C Datasheet HTML 1Page - National Semiconductor (TI) LM7905C Datasheet HTML 2Page - National Semiconductor (TI) LM7905C Datasheet HTML 3Page - National Semiconductor (TI) LM7905C Datasheet HTML 4Page - National Semiconductor (TI) LM7905C Datasheet HTML 5Page - National Semiconductor (TI) LM7905C Datasheet HTML 6Page - National Semiconductor (TI) LM7905C Datasheet HTML 7Page - National Semiconductor (TI) LM7905C Datasheet HTML 8Page - National Semiconductor (TI) LM7905C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH7340
November 1994
LM79XX Series 3-Terminal Negative Regulators
General Description
The LM79XX series of 3-terminal regulators is available with
fixed output voltages of b5V b8V b12V and b15V
These devices need only one external componenta com-
pensation capacitor at the output The LM79XX series is
packaged in the TO-220 power package and is capable of
supplying 15A of output current
These regulators employ internal current limiting safe area
protection and thermal shutdown for protection against vir-
tually all overload conditions
Low ground pin current of the LM79XX series allows output
voltage to be easily boosted above the preset value with a
resistor divider
The low quiescent current drain of
these devices with a specified maximum change with line
and load ensures good regulation in the voltage boosted
mode
For applications requiring other voltages see LM137 data
sheet
Features
Y
Thermal short circuit and safe area protection
Y
High ripple rejection
Y
15A output current
Y
4% tolerance on preset output voltage
Connection Diagrams
TO-220 Package
TLH7340 – 14
Front View
Order Number LM7905CT LM7912CT or LM7915CT
See NS Package Number TO3B
Typical Applications
Fixed Regulator
TLH7340 – 3
Required if regulator is separated from filter capacitor by
more than 3
For value given capacitor must be solid
tantalum 25 mF aluminum electrolytic may be substituted
Required for stability For value given capacitor must be
solid tantalum 25 mF aluminum electrolytic may be substi-
tuted Values given may be increased without limit
For output capacitance in excess of 100 mF a high current
diode from input to output (1N4001 etc) will protect the
regulator from momentary input shorts
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM7905C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7905C NSC-LM7905C Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
LM7905CT NSC-LM7905CT Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
logo
Fairchild Semiconductor
LM7905CT FAIRCHILD-LM7905CT Datasheet
119Kb / 18P
3-Terminal 1A Negative Voltage Regulator
LM7905CT FAIRCHILD-LM7905CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
LM7905CT FAIRCHILD-LM7905CT Datasheet
284Kb / 15P
3-Terminal 1A Negative Voltage Regulator
More results

Similar Description - LM7905C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
Series 3-Terminal Negative Regulators
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
3-Terminal Negative Regulators
LM79XX NSC-LM79XX Datasheet
167Kb / 10P
LM79XX Series 3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
3-Terminal Negative Regulators
logo
Texas Instruments
LM7915CT TI-LM7915CT Datasheet
1Mb / 13P
LM79XX Series 3-Terminal Negative Regulators
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
Series 3-Terminal Negative Regulators
LM7905 TI-LM7905_15 Datasheet
1Mb / 13P
LM79XX Series 3-Terminal Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
Series 3-Terminal Negative Regulators
LM120QML TI1-LM120QML_16 Datasheet
640Kb / 19P
Series 3-Terminal Negative Regulators
LM7905 TI1-LM7905_13 Datasheet
1Mb / 13P
LM79XX Series 3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com