Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9713LGEFL/RV Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/RV
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/RV Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM9713LGEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM9713LGEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM9713LGEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM9713LGEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM9713LGEFL/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM9713LGEFL/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM9713LGEFL/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM9713LGEFL/RV Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
23
Note:
SDATAOUT and SYNC must be held low for when RESETB is applied. These signals must be held
low for the entire duration of the RESETB pulse and especially during the low-to-high transition of
RESETB. If either is set high during reset the AC'97 device may enter test modes.
Information
relating to this operation is available in the AC'97 specification or in Wolfson applications note WAN-
0104 available at www.wolfsonmirco.com.
PCM INTERFACE
OPERATION
WM9713L can implement a PCM voice codec function using the dedicated VXDAC and either one or
both of the existing hi-fi ADC’s. In PCM codec mode, VXDAC input and ADC output are interfaced
via a PCM style port via GPIO pins.
This interface can support one ADC channel, or stereo/dual ADC channels if required, (two channels
of data are sent per PCM frame as back to back words).
In voice only mode, the AC link is used only for control information, not audio data. Therefore it will
generally be shut down (PR4=1), except when control data must be sent.
The PCM interface makes use of 4 of the GPIO interface pins, for clock, frame, and data in/out. If the
PCM codec function is not enabled then the GPIO pins may be used for other functions as on
WM9713L
INTERFACE PROTOCOL
The WM9713L PCM audio interface is used for the input of data to the Voice DAC and the output of
data from the Stereo ADC. When enabled, the PCM audio interface uses four GPIO pins:
GPIO1/PCMCLK: Bit clock
GPIO3/PCMFS: Frame Sync
GPIO4/PCMDAC: Voice DAC data input
GPIO5/PCMADC: Stereo ADC data output
When not enabled the GPIOs may be used for other functions on the WM9713L.
PCM INTERFACE MODES
The WM9713L PCM audio interface may be configured in one of four modes:
Disabled Mode: The WM9713L disables and tri-states all PCM interface pins. Any
clock input is ignored and ADC/DAC data is not transferred.
Slave Mode: The WM9713L accepts PCMCLK and PCMFS as inputs from an
external source.
Master Mode: The WM9713L generates PCMCLK and PCMFS as outputs.
Partial Master Mode: The WM9713L generates PCMCLK as an output, and
accepts PCMFS as an external input.
The PCMDAC and PCMADC pins are normally used as DAC input and ADC output respectively. The
WM9713L allows these functions to be swapped allowing DAC input on PCMADC and ADC output
on PCMDAC.
PCM AUDIO DATA FORMATS
Four different audio data formats are supported:
DSP mode
Left justified
Right justified
I
2S
All four of these modes are MSB first. They are described below. Refer to the Electrical
Characteristic section for timing information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com