Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS5817T Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SS5817T
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SS5817T Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SS5817T Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SS5817T Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS5817T THRU SS5819T
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 40 Volts
Forward Current - 1.0Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
°
Maximum repetitive peak reverse voltage
20
14
20
24
30
21
30
36
40
28
40
48
VRRM
VRSM
Volts
Volts
Volts
Volts
Volts
Volts
m
A
P
F
Amp
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
VF
IR
CJ
TJ
R JA
R JL
Maximum RMS voltage
Maximum DC blocking voltage
Maximum non-repetitive peak reverse voltage
Maximum average forward rectified current
Maximum instantaneous forward voltage at 1.0 A(note 1 )
Maximum instantaneous forward voltage at 3.0 A(note 1 )
T =25 C
T =100 C
A
A
Typical thermal resistance (Note 2)
Typical junction capacitance(Note 3)
Operating junction and storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
1.0
25.0
115
28.0
0.1
50
.
110.0
0.875
0.750
0.900
0.550
0.450
0.600
C/W
C
2.Thermal resistance (from junction to ambient)Vertical P.C.B. mounted , with 1.5X1.5"(38X38mm)copper pads
3.Measured at 1.0MHz and reverse voltage of 4.0 volts
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
For surface mount applications
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
°
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
//
R
SEMICONDUCT OR
SS
5817T
SS
5818T
SS
5819T
Symbols
Units
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
-65 to +150
SMAFL
Dimensions in inches and (millimeters)
0.057(1.45 )
0.053(1.35)
0.008(0.20)
MAX
5
°
0.106(2.7 )
0.102(2.6)
0.171(4.35 )
0.167(4.25)
0.212(5.4)
0.205(5.2)
0.042(1.08)
0.040(1.02)
0.020(0.5)
0.041(1.05)
Case: SMAFL molded plastic body
TerMINals: Solder Plated, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end


Similar Part No. - SS5817T

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SS5817 SEMTECH_ELEC-SS5817 Datasheet
178Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SS5817 JINANJINGHENG-SS5817 Datasheet
107Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Gaomi Xinghe Electronic...
SS5817 GXELECTRONICS-SS5817 Datasheet
462Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS5817 CHENDA-SS5817 Datasheet
462Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 40 Volts Forward Current - 1.0Ampere
logo
Jinan Jing Heng Electro...
SS5817 JINGHENG-SS5817 Datasheet
45Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS5817T

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com