Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1202 Datasheet(PDF) 1 Page - International Rectifier

Part # IP1202
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202 Datasheet(HTML) 1 Page - International Rectifier

  IP1202 Datasheet HTML 1Page - International Rectifier IP1202 Datasheet HTML 2Page - International Rectifier IP1202 Datasheet HTML 3Page - International Rectifier IP1202 Datasheet HTML 4Page - International Rectifier IP1202 Datasheet HTML 5Page - International Rectifier IP1202 Datasheet HTML 6Page - International Rectifier IP1202 Datasheet HTML 7Page - International Rectifier IP1202 Datasheet HTML 8Page - International Rectifier IP1202 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
* Although, all of the difficult PCB layout and bypassing issues have been addressed with the internal design of the iPOWIR block, proper layout techniques
should be applied for the design of the power supply board. The iPOWIR block will function normally, but not optimally without any additional input decoupling
capacitors. Input decoupling capacitors should be added at Vin pin for stable and reliable long term operation. See layout guidelines in datasheet for more
detailed information.
PD-94593C
10/28/04
iP1202
www.irf.com
1
• 5.5V to 13.2V input voltage
• 0.8V to 5V output voltage
• 2 Phase Synchronous Buck Power Block
• 180
° out of phase operation
• Single or Dual output capability
• Dual 15A maximum load capability
• Single 2 phase 30A maximum load capability
• 200-400kHz per channel nominal switching frequency
• Over Current Hiccup or Over Current Latch
• External Synchronization Capable
• Overvoltage protection
• Individual soft start per outputs
• Over Temperature protection
• Internal features minimize layout sensitivity *
• Ease of layout
• Very small outline 15.5mm x 9.25mm x 2.6mm
iP1202 Power Block
Features
Dual Output Full Function 2 Phase
Synchronous Buck Power Block
Integrated Power Semiconductors,
PWM Control & Passives
The iP1202 is a fully optimized solution for medium current synchronous buck applications requiring up to 15A
or 30A. The iP1202 is optimized for 2 phase single output applications up to 30A or dual output, each up to
15A with interleaved input. It includes full function PWM control, with optimized power semiconductor chip-sets
and associated passives, achieving high power density. Very few external components are required to create
a complete synchronous buck power supply.
iPOWIR technology offers designers an innovative space-saving solution for applications requiring high power
densities. iPOWIR technology eases design for applications where component integration offers benefits in
performance and functionality. iPOWIR technology solutions are also optimized internally for layout, heat
transfer and component selection.
Description
iP1202 Configurations
Dual Output
Single Output
V
IN
V
OUT
V
IN
V
OUT
Channel 1
Channel 2
V
OUT
Channel 1
Channel 2
V
IN
V
OUT
Channel 1
Channel 2
V
OUT
Channel 1
Channel 2
V
IN
V
OUT


Similar Part No. - IP1202

ManufacturerPart #DatasheetDescription
logo
International Rectifier
iP1202 IRF-iP1202 Datasheet
242Kb / 6P
IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results

Similar Description - IP1202

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2002 IRF-IP2002 Datasheet
835Kb / 12P
Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
IP1201 IRF-IP1201 Datasheet
553Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power BlockIntegrated Power Semiconductors, PWM Control & Passives
IP1203 IRF-IP1203 Datasheet
635Kb / 23P
Single Output Full Function Synchronous Buck Power Block
IP2003A IRF-IP2003A Datasheet
355Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
IP1201PBF IRF-IP1201PBF Datasheet
961Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP2002PBF IRF-IP2002PBF Datasheet
475Kb / 12P
Synchronous Buck Multiphase Optimized BGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP1203PBF IRF-IP1203PBF Datasheet
641Kb / 23P
Single Output Full Function Synchronous Buck Power Block
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com