Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B-138 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # B-138
Description  HARTMAN Power Switching AC Contactors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

B-138 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  B-138 Datasheet HTML 1Page - TE Connectivity Ltd B-138 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6–23
HARTMAN Power Switching AC Contactors
6
For factory-direct application
assistance, phone 419-521-9500 or
fax 419-526-2749.
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.
B-138 Series, Rated up to 60 Amps, 115/200 VAC, 400 Hz (Continued)
HARTMAN
Construction
Mounting
Coil
Circuit
TE
Part Number
Type
Style
Type
Config.
Part Number
B-138S
Gasket/Vented
BB
2
1616002-5
B-138XEH
Gasket/Vented
AC
4
1616028-3
B-138BH
Gasket/Vented
AA
1
1616028-1
B-138XAH
Gasket/Vented
AA
3
1616028-2
Mounting Style B
Circuit Configuration 1
Circuit Configuration 2
Circuit Configuration 3
Circuit Configuration 4
Mounting Style A
Circuit Configurations (Consult factory for other available circuit configurations)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com