Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR2541 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # LR2541
Description  SILICON GATE ENHANCEMENT MODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LR2541 Datasheet(HTML) 1 Page - Polyfet RF Devices

  LR2541 Datasheet HTML 1Page - Polyfet RF Devices LR2541 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
Push - Pull
LR
45.0
2.0
122.0
0.40 C/W
80
7.5
21.00
2.0
60
0.30
15.00
18.0
420
0.20
80
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
Relative
0.80
5.00
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.80
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.80
500
Vgs =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sell@polyfet.com URL:www.polyfet.com
500
500
Common Source Input Capacitance
80
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
25
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS ( 200.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
28.0
A, Vds =
V, F =
A, Vds =
V, F =
28.0
28.0
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
200.0
Vds = 0V Vgs = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
28.0
Vds =
A, Vgs = Vds
Ids =
A
dB
%
o
o
o
o
o
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
LDMOS
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
Vds =
Vgs = 0V, F = 1 MHz
28.0
REVISION 07/29/2015
11
25 C )
WATTS OUTPUT )
200
polyfet rf devices
LR2541
20:1
ROHS COMPLIANT
This device is part of Polyfet's latest
family of 28VDC LDMOS devices.
Being an unmatched device and
having low capacitances makes it
ideal for broad band applications
such as communications and
broadcast. It is also suitable for
various narrow band applications.
Employing back-to-back gate diodes
for enhanced ESD protection and
having a high drain breakdown
voltage makes this device highly
rugged. The suitable frequency range
of this device is 1-1100MHz
+
V, Ids =
10
V, Vds = 10V
Vgs = 10
9
-
V


Similar Part No. - LR2541

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LR25400-1 LITTELFUSE-LR25400-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
LR25400-3 LITTELFUSE-LR25400-3 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
More results

Similar Description - LR2541

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SK722 POLYFET-SK722 Datasheet
60Kb / 2P
SILICON GATE ENHANCEMENT MODE
L8701PR POLYFET-L8701PR Datasheet
76Kb / 3P
SILICON GATE ENHANCEMENT MODE
L8711PR POLYFET-L8711PR Datasheet
55Kb / 2P
SILICON GATE ENHANCEMENT MODE
L8801PR POLYFET-L8801PR Datasheet
47Kb / 2P
SILICON GATE ENHANCEMENT MODE
SJ701 POLYFET-SJ701 Datasheet
57Kb / 2P
SILICON GATE ENHANCEMENT MODE
SC201 POLYFET-SC201 Datasheet
62Kb / 2P
SILICON GATE ENHANCEMENT MODE
LY502 POLYFET-LY502 Datasheet
49Kb / 2P
SILICON GATE ENHANCEMENT MODE
LX2401 POLYFET-LX2401 Datasheet
103Kb / 2P
SILICON GATE ENHANCEMENT MODE
LB2301 POLYFET-LB2301 Datasheet
87Kb / 2P
SILICON GATE ENHANCEMENT MODE
SK723 POLYFET-SK723 Datasheet
58Kb / 2P
SILICON GATE ENHANCEMENT MODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com