Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LLDB6 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LLDB6
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LLDB6 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  LLDB6 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LLDB6 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SEMICONDUCT OR
LLDB3/LLDC34/LLDB4/LLDB6
SILICON BIDIRECTIONAL DIAC
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
Power Dissipation on Printed
Circuit(L=10mm)
Breakover Voltage (Note 2 )
Breakover Voltage Symmetry
C=22nF(Note 2)
See diagram 1
C=22nF(Note 2)
See diagram 1
C=22nF(Note 2)
Min
Min
Min
Typ
28
32
36
30
34
38
35
40
45
56
60
70
+4
+3
5
10
5
100
1.5
10
Max
Max
Max
Max
Typ
I=(I
to IF=10mA)
See Diagram 1
BO
See Diagram 2
See Diagram 3
V =0.5 V
max
see diagram 1
BBO
Breakover Current (Note1)
Leakage Current (Note1)
Dynamic Breakover Voltage (Note1)
Rise Time (Note1)
Output Voltage (Note 1 )
PC
mW
A
TSTG/TJ
T =50 C
A
tp=10 s
f=100Hz
m
Repetitive Peak on-state
Current
Storage and Operating Junction Temperature
-40 to+125
C
V
V
V
V
mA
ms
mA
ITRM
VBO
││
+VBO
-
+V
││
VO
IBO
IB
tr
2.0
1.6
150
Notes: 1.Electrical characteristics applicable in both forward and reverse directions.
2.Connected in parallel with the devices.
MECHANICAL DATA
Case
Weight
: MiniMELF glass case(SOD-80)
: Approx. 0.05 gram
Symbols
Parameters
Value
LLDB3
LLDC34
LLDB4
LLDB6
Units
Value
LLDB3
LLDC34
LLDB4
LLDB6
Units
Parameters
Symbols
Test Condition
││
-VBO
FEATURES
The three-layer, two-terminal, axial-lead, hermetically sealed diacs are
designed specifically for triggering thyristors. They demonstrate low breakover
current at breakover voltage as they withstand peak pulse current. The breakover
symmetry is within three volts(DB3,DC34,DB4) or four volts(DB6). These diacs are
intended for use in thyrisitors phase control , circuits for lamp dimming, universal
motor speed control and heat control.
JF's DB3/DC34/DB4/DB6 are bi-directional triggered diode designed to operate
in conjunction with Triacs and SCR's
High temperature soldering guaranteed 260
10 seconds at terminals
:℃/
Component in accordance to RoHS 2002 95 EC and WEEE 2002 96 EC
//
//
MiniMELF
Dimensions in inches and (millimeters)
0.142(3.6)
0.126(3.2)
0.019(0.48)
0.011(0.28)
0.063(1.6)
0.055(1.4)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
3-4


Similar Part No. - LLDB6

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
LLDB6 JINANJINGHENG-LLDB6 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
SUNMATE electronic Co.,...
LLDB6 SUNMATE-LLDB6 Datasheet
298Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dongguan City Niuhang E...
LLDB6 NIUHANG-LLDB6 Datasheet
2Mb / 5P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB6 JINANJINGHENG-LLDB6 Datasheet
50Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results

Similar Description - LLDB6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com