Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3475 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3475
Description  Hysteretic PFET Buck Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3475 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3475 Datasheet HTML 1Page - National Semiconductor (TI) LM3475 Datasheet HTML 2Page - National Semiconductor (TI) LM3475 Datasheet HTML 3Page - National Semiconductor (TI) LM3475 Datasheet HTML 4Page - National Semiconductor (TI) LM3475 Datasheet HTML 5Page - National Semiconductor (TI) LM3475 Datasheet HTML 6Page - National Semiconductor (TI) LM3475 Datasheet HTML 7Page - National Semiconductor (TI) LM3475 Datasheet HTML 8Page - National Semiconductor (TI) LM3475 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Connection Diagram
Top View
20070102
5 Lead Plastic SOT23-5
NS package Number MF05A
Package Marking and Ordering Information
Order Number
Package Type
Package Marking
Supplied As:
LM3475MF
SOT23-5
S65B
1000 units on Tape and Reel
LM3475MFX
SOT23-5
S65B
3000 units on Tape and Reel
Pin Description
Pin Name
Pin Number
Description
FB
1
Feedback input. Connect to a resistor divider between the output
and GND.
GND
2
Ground.
EN
3
Enable. Pull this pin above 1.5V (typical) for normal operation.
When EN is low, the device enters shutdown mode.
VIN
4
Power supply input.
PGATE
5
Gate drive output for the external PFET.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com