Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4875 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4875
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4875 Datasheet HTML 5Page - National Semiconductor (TI) LM4875 Datasheet HTML 6Page - National Semiconductor (TI) LM4875 Datasheet HTML 7Page - National Semiconductor (TI) LM4875 Datasheet HTML 8Page - National Semiconductor (TI) LM4875 Datasheet HTML 9Page - National Semiconductor (TI) LM4875 Datasheet HTML 10Page - National Semiconductor (TI) LM4875 Datasheet HTML 11Page - National Semiconductor (TI) LM4875 Datasheet HTML 12Page - National Semiconductor (TI) LM4875 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application Information (Continued)
While the LM4875 operates in bridged mode, the DC poten-
tial across the load is essentially 0V. Since the HP-Sense
threshold is set at 4V, even in an ideal situation, the output
swing cannot cause a false single-ended trigger. Connecting
headphones to the headphone jack disconnects the head-
phone jack contact pin from V
O1 and allows R1 to pull the
HP Sense pin up to V
CC. This enables the headphone func-
tion, turns off Amp2, and mutes the bridged speaker. The
amplifier then drives the headphones, whose impedance is
in parallel with resistor R2. Resistor R2 has negligible effect
on output drive capability since the typical impedance of
headphones is 32
Ω. The output coupling capacitor blocks
the amplifier’s half supply DC voltage, protecting the head-
phones.
A microprocessor or a switch can replace the headphone
jack contact pin. When a microprocessor or switch applies a
voltage greater than 4V to the HP Sense pin, a bridge-
connected speaker is muted and Amp1 drives the head-
phones.
SELECTING EXTERNAL COMPONENTS
Optimizing the LM4875’s performance requires properly se-
lecting external components. Though the LM4875 operates
well when using external components having wide toler-
ances, the best performance is achieved by optimizing com-
ponent values.
Input Capacitor Value Selection
Amplification of the lowest audio frequencies requires high
value input coupling capacitors. These high value capacitors
can be expensive and may compromise space efficiency in
portable designs. In many cases, however, the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150Hz. In application
5 using speakers with this limited frequency response, a
large input capacitor will offer little improvement in system
performance.
Figure 1 shows that the nominal input impedance (R
IN)is
10k
Ω at maximum volume and 110kΩ at minimum volume.
Together, the input capacitor, C
i, and RIN, produce a -3dB
high pass filter cutoff frequency that is found using Equation
(4).
(4)
As the volume changes from minimum to maximum, R
IN
decrease from 110k
Ω to 10kΩ. Equation (4) reveals that the
-3dB frequency will increase as the volume increases. The
nominal value of C
i for lowest desired frequency response
should be calculated with R
IN = 10k
Ω . As an example when
using a speaker with a low frequency limit of 150Hz, C
i,
using Equation (4) is 0.1µF. The 0.22µF C
i shown in Figure 1
is optimized for a speaker whose response extends down to
75Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of the bypass capacitor C
B.
Since C
B determines how fast the LM4875 turns on, its value
is the most critical when minimizing turn-on pops. The slower
the LM4875’s outputs ramp to their quiescent DC voltage
(nominally V
DD/2), the smaller the turn-on pop. Choosing CB
equal to 1.0µF, along with a small value of C
i (in the range of
0.1µF to 0.39µF), produces a clickless and popless shut-
down function. Choosing C
i as small as possible helps mini-
mize clicks and pops.
CLICK AND POP CIRCUITRY
The LM4875 contains circuitry that minimizes turn-on and
shutdown transients or "clicks and pops". For this discus-
sion, turn-on refers to either applying the power supply volt-
age or when the shutdown mode is deactivated. While the
power supply is ramping to its final value, the LM4875’s
internal amplifiers are configured as unity gain buffers. An
internal current source changes the voltage of the bypass
pin in a controlled, linear manner. Ideally, the input and
outputs track the voltage applied to the bypass pin. The gain
of the internal amplifiers remains unity until the voltage on
the bypass pin reaches 1/2 V
DD. As soon as the voltage on
the bypass pin is stable, the device becomes fully opera-
tional and the gain is set by the external voltage applied to
the DC Vol/SD pin.
Although the bypass pin current cannot be modified, chang-
ing the size of C
B alters the device’s turn-on time and the
magnitude of "clicks and pops". Increasing the value of C
B
reduces the magnitude of turn-on pops. However, this pre-
sents a tradeoff: as the size of C
B increases, the turn-on time
increases. There is a linear relationship between the size of
CB and the turn-on time. Shown below are some typical
turn-on times for various values of C
B:
C
B
T
ON
0.01µF
3ms
0.1µF
30ms
0.22µF
65ms
0.47µF
135ms
1.0µF
280ms
In order eliminate "clicks and pops", all capacitors must be
discharged before turn-on. Rapidly switching V
DD may not
allow the capacitors to fully discharge, which may cause
"clicks and pops". In a single-ended configuration, the output
coupling capacitor, C
OUT, is of particular concern. This ca-
pacitor discharges through an internal 20k
Ω resistor. De-
pending on the size of C
OUT, the time constant can be
relatively large. To reduce transients in single-ended mode,
10104234
FIGURE 3. Headphone Circuit
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com