Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4875M Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4875M
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875M Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4875M Datasheet HTML 5Page - National Semiconductor (TI) LM4875M Datasheet HTML 6Page - National Semiconductor (TI) LM4875M Datasheet HTML 7Page - National Semiconductor (TI) LM4875M Datasheet HTML 8Page - National Semiconductor (TI) LM4875M Datasheet HTML 9Page - National Semiconductor (TI) LM4875M Datasheet HTML 10Page - National Semiconductor (TI) LM4875M Datasheet HTML 11Page - National Semiconductor (TI) LM4875M Datasheet HTML 12Page - National Semiconductor (TI) LM4875M Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Application Information (Continued)
an external 1k
Ω -5kΩ resistor can be placed in parallel with
the internal 20k
Ω resistor. The tradeoff for using this resistor
is increased quiescent current.
RECOMMENDED PRINTED CIRCUIT BOARD LAYOUT
Figure 4 through Figure 6 show the recommended two-layer
PC board layout that is optimized for the SO-8 packaged
LM4875 and associated external components. Figure 7
through Figure 9 show the recommended two-layer PC
board layout for the MSOP packaged LM4875. Both layouts
are designed for use with an external 5V supply, 8
Ω speak-
ers, and 8
Ω -32Ω headphones. The schematic for both
recommended PC board layouts is Figure 1.
Both circuit boards are easy to use. Apply a 5V supply
voltage and ground to the board’s V
DD and GND pads,
respectively. Connect a speaker with an 8
Ω minimum imped-
ance between the board’s -OUT and +OUT pads. For head-
phone use, the layout has provisions for a headphone jack,
J1. When a jack is connected as shown, inserting a head-
phone plug automatically switches off the external speaker.
10104238
FIGURE 4. Recommended SO PC board layout:
component side silkscreen
10104239
FIGURE 5. Recommended SO PC board layout:
component side layout
10104240
FIGURE 6. Recommended SO PC board layout:
bottom side layout
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com