Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4851-2WYRMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4851-2WYRMZ-R7
Description  Low Cost, High Speed, Rail-to-Rail, Output Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-2WYRMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4851-2WYRMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4851-2WYRMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. J | Page 15 of 24
TEMPERATURE (
°C)
1.2
1.4
1.6
1.8
2.0
2.2
–40 –25 –10
5
20
35
50
65
80
95
110 125
IB+, VS = +5V
IB–, VS = +5V
IB+, VS = ±5V
IB–, VS = ±5V
Figure 30. Input Bias Current vs. Temperature for Various Supplies
TEMPERATURE (
°C)
0.04
0.05
0.06
0.07
0.08
0.09
–40 –25 –10
5
20
35
50
65
80
95
110 125
+VS – VOUT
VS = ±5V
VS = +5V
–VS – VOUT
+VS – VOUT
–VS – VOUT
Figure 31. Output Saturation vs. Temperature for Various Supplies
TEMPERATURE (
°C)
2.0
2.2
2.4
2.6
2.8
3.0
–40 –25 –10
5
20
35
50
65
80
95
110 125
VS = ±5V
VS = +5V
3.2
VS = +3V
Figure 32. Supply Current vs. Temperature for Various Supplies
1
1000
10
100M
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
10
100
G = +1
Figure 33. Voltage Noise vs. Frequency
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
1
10
100
G = +2
10
Figure 34. Current Noise vs. Frequency
0
10
20
30
40
50
60
70
80
–4
–3
–2
–1
0
1
2
3
4
VOS (mV)
VS = ±5V
N = 420
x = –260µV
σ = 780µV
Figure 35. Input Offset Voltage Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com