Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP03DB Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP03DB
Description  3W Wide Range Input Voltage DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP03DB Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP03DB Datasheet HTML 1Page - Toppower Electronic Technology Limited TP03DB Datasheet HTML 2Page - Toppower Electronic Technology Limited TP03DB Datasheet HTML 3Page - Toppower Electronic Technology Limited TP03DB Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP03DB Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 / 4
DESCRIPTION
:
:
:
:
The rated output power of TP03DB converters is 3W,the outline dimensions is"25.4*25.4*11.2",
2:1 and 4:1 wide input voltage range,the voltage range is 9V-18V,18V-36V,36V-72V,9V-36V and
18V-72VDC.The accuracy of the converter can reach ±1%,it can be widely used in
elecommunications,railway transportation, instrument and etc.
3W Wide Range Input Voltage DC/DC Converters
FEATURES
3W output voltage
2:1 and 4:1 wide input voltage range
Over load protection
25.4mm*25.4mm*11.2mm standard package
Fixed switching frequency
Over voltage Protection
Metal shell package
RoHS compliant
Operating temperature -25
to
℃
55℃
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency(Typ)
%
Maximum capacitive load
(u F)
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP03DB12S03
12(2:1)
9-18
3.3
0.6
≥73
2200
TP03DB12S05
12(2:1)
9-18
5
0.6
≥74
1500
TP03DB12S12
12(2:1)
9-18
12
0.25
≥75
660
TP03DB12S15
12(2:1)
9-18
15
0.2
≥75
470
TP03DB12D05
12(2:1)
9-18
±5
±0.3
≥76
±850
TP03DB12D12
12(2:1)
9-18
±12
±0.125
≥78
±140
TP03DB12D15
12(2:1)
9-18
±15
±0.1
≥79
±47
TP03DB24S03
24(2:1)
18-36
3.3
0.6
≥74
2200
TP03DB24S05
24(2:1)
18-36
5
0.6
≥76
1500
TP03DB24S12
24(2:1)
18-36
12
0.25
≥76
660
TP03DB24S15
24(2:1)
18-36
15
0.2
≥76
470
TP03DB24D05
24(2:1)
18-36
±5
±0.3
≥78
±850
TP03DB24D12
24(2:1)
18-36
±12
±0.125
≥79
±140
TP03DB24D15
24(2:1)
18-36
±15
±0.1
≥79
±47
TP03DB48S03
48(2:1)
36-72
3.3
0.6
≥74
2200
TP03DB48S05
48(2:1)
36-72
5
0.6
≥76
1500
TP03DB48S12
48(2:1)
36-72
12
0.25
≥78
660
TP03DB48S15
48(2:1)
36-72
15
0.2
≥78
470
TP03DB48D05
48(2:1)
36-72
±5
±0.3
≥79
±850
TP03DB48D12
48(2:1)
36-72
±12
±0.125
≥79
±140
TP03DB48D15
48(2:1)
36-72
±15
±0.1
≥80
±47
TP03DB24S05W
24(4:1)
9-36
5
0.6
≥75
1500
TP03DB24S12W
24(4:1)
9-36
12
0.25
≥75
660
TP03DB24S15W
24(4:1)
9-36
15
0.2
≥75
470
TP03DB24D05W
24(4:1)
9-36
±5
±0.3
≥77
±850
TP03DB24D12W
24(4:1)
9-36
±12
±0.125
≥78
±140
TP03DB24D15W
24(4:1)
9-36
±15
±0.1
≥78
±47
TP03DB48S05W
48(4:1)
18-72
5
0.6
≥75
1500
TP03DB48S12W
48(4:1)
18-72
12
0.25
≥77
660
TP03DB48S15W
48(4:1)
18-72
15
0.2
≥77
470
TP03DB48D05W
48(4:1)
18-72
±5
±0.3
≥78
±850
TP03DB48D12W
48(4:1)
18-72
±12
±0.125
≥78
±140
TP03DB48D15W
48(4:1)
18-72
±15
±0.1
≥79
±47


Similar Part No. - TP03DB

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA Datasheet
265Kb / 4P
3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA Datasheet
736Kb / 4P
3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA05D05 TOPPOWER-TP03DA05D05 Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
More results

Similar Description - TP03DB

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
Isolated 3W Wide Input DC-DC Converters
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_V01 Datasheet
736Kb / 4P
3W 1.5KVDC??KVDC Isolated Wide Range Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com