Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPI Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPI
Description  1W 3KVDC Isolation & Regulated Dual Output DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPI Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPI Datasheet HTML 1Page - Toppower Electronic Technology Limited TPI Datasheet HTML 2Page - Toppower Electronic Technology Limited TPI Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPI Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
第 3 页 共 3 页
1.Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full load. If the actual output
power is very small,please connect a resistor with proper resistance at the output end in parallel to increase the load.
2.Recommended circuit
If you want to further decrease the input/output ripple, an “LC” filtering network may be connected to the input and output ends of theDC/DC converter, see(Figure 1).
It should also be noted that the inductance and the frequency of the “LC” filtering network should be staggered with the DC/DC frequency to avoid mutual interference.
However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the
safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1)
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
(VDC)
Cin
(μF)
Vout
(VDC)
Cout
(μF)
5
4.7
±5
4.7
12
2.2
±9
2.2
24
0.47
±12
1
-
-
±15
0.47
3.Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits. The simplest method is to connect a
self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
4.Input Over-voltage Protection Circuit
T
he simplest device for input over-voltage protection is a linear voltage regulator with overheat protection that is connected to the input end in series (Figure 2).
When the environment temperature is higher than 71°C, the product output power should be less then 60% of the rated power.
No parallel connection or plug and play.
Use dual output simultaneously, forbid opening output pin (0V) to use as single output.
APPLICATION NOTE
(Figure 1)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com