Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM9702 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9702
Description  LM9702 Real Time Digital Image Processor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9702 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9702 Datasheet HTML 1Page - National Semiconductor (TI) LM9702 Datasheet HTML 2Page - National Semiconductor (TI) LM9702 Datasheet HTML 3Page - National Semiconductor (TI) LM9702 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.national.com
Overall Chip Block Diagram
Figure 1. Chip Block Diagram
Ordering Information
Item
Description
Part Number
LM9702
LM9702 Digital Image Processor with Integrated Pipeline
LM9702SL
Digital Color Processor
ACCESS.bus
APB
Config
µwire/SPI
Master
GPIO
CR16C
16K-Bytes
6 Channel
Core Bus
Controller
Interrupt
Controller
CR16C-Microprocessor System
Clk Gen
System Mgmt
acb
mwire
SDI+
Debug I/F
usb
sys
DMA
16 Pin
16 Input
Wake Up
usart
gpio
int
jtag
USB
V1.1
Image PreProcessor
Config & Raw Statistics
sen
Bridge
USART
Versatile
Timer
timer
Bus Interface
Unit
Pwr Mgt
POR
mem
Measurement Engine
Compression
RAM
JPEG
Encoder
Bus Interface Unit
SD
(SPI Mode)
sd
Gain



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com