Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI5A3158 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A3158
Description  SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3158 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A3158 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3158 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8637B
07/26/04
Features
• CMOS Technology for Bus and Analog Applications
• Low On-Resistance: 8Ω at 3.0V
• Wide VCC Range: 1.65V to 5.5V
• Rail-to-Rail Signal Range
• Control Input Overvoltage Tolerance: 5.5V min.
• Fast Transition Speed: 5.2ns max. at 5V
• High Off Isolation: 57dB at 10MHz
• 54dB (10MHz) Crosstalk Rejection Reduces Signal Distortion
• Break-Before-Make Switching
• High Bandwidth: 250 MHz
• Extended Industrial Temperature Range: –40
°C to 85°C
• Packaging (Pb-free & Green available):
-12-contact TDFN (ZA)
Applications
• Cell Phones
• PDAs
• Portable Instrumentation
• Battery Powered Communications
• Computer Peripherals
PI5A3158
SOTINYTM Low Voltage Dual SPDT Analog Switch
2:1 Mux/DeMux Bus Switch
Description
The PI5A3158 is a dual high-bandwidth, fast single-pole double-
throw (SPDT) CMOS switch. It can be used as an analog switch or
as a low-delay bus switch. Specified over a wide operating power
supplyvoltagerange,1.65Vto5.5V,thePI5A3158hasamaximum
On-Resistance of 12Ω at 1.65V, 9Ω at 2.3V & 6Ω at 4.5V.
Break-before-make switching prevents both switches being
enabled simultaneously. This eliminates signal disruption during
switching.
The control input, S, tolerates input drive signals up to 5.5V,
independent of supply voltage.
Logic Function Table
Pin Description
Connection Diagram
Notes:
1. x = 0 or 1
1B0
GND
1
2
3
12
10
0B0
GND
0B1
1B1
S0
11
VCC
VCC
A0
S1
A1 4
5
6
9
7
8
Logic Input(s)
Function
0
0BX Connection to AX
1
1BX Connected to AX
Pin Number Name
Description
8, 11
1BX
Data port (Normally Open)
3, 6
GND
Ground
2, 5
0BX
Data port (Normally Closed)
1, 4
AX
Common Output/data port
9, 12
VCC
Positive Power Supple
7, 10
SX
Logic Controll


Similar Part No. - PI5A3158

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158BZAEX PERICOM-PI5A3158BZAEX Datasheet
367Kb / 8P
Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results

Similar Description - PI5A3158

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3159 PERICOM-PI5A3159 Datasheet
604Kb / 10P
SOTINYTM 1??Low-Voltage SPDT Analog Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com