Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI6C2408 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C2408
Description  Zero-Delay Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2408 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C2408 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2408 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2408
Zero Delay Clock Buffer
PS8589E
09/15/04
The relationship between loading of the FB_IN signal and other outputs determines the input-output delay. Zero delay is achieved when
all outputs, including feedback, are loaded equally.
Zero Delay and Skew Control
CLKINInputtoOutputBankDelayvs.DifferenceinLoadingbetweenFB_INpinandOUTA/OUTBpins
Maximum Ratings
Supply Voltage to Ground Potential ............................................................................................................................. –0.5Vto+7.0V
DC Input Voltage (Except CLKIN) ........................................................................................................................ –0.5VtoVDD+0.5V
DC Input Voltage CLKIN ...................................................................................................................................................... –0.5 to 7V
Storage Temperature ................................................................................................................................................... –65ºCto+150ºC
Maximum Soldering Temperature (10 seconds) ........................................................................................................................... 260ºC
Junction Temperature .................................................................................................................................................................. 150ºC
Static Discharge Voltage (per MIL-STD-883, Method 3015) .................................................................................................... >2000V
n
i
Pl
a
n
g
i
Sn
o
i
t
p
i
r
c
s
e
D
1N
I
K
L
C
)
n
w
o
d
-l
l
u
p
k
a
e
w
(
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
k
c
o
l
c
t
u
p
n
I
5
1
,
4
1
,
3
,
2]
4
-
1
[
A
T
U
O)
n
w
o
d
-l
l
u
p
k
a
e
w
(
A
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
3
1
,
4V D
D
y
l
p
p
u
s
V
3
.
3
2
1
,
5D
N
Gd
n
u
o
r
G
1
1
,
0
1
,
7
,
6]
4
-
1
[
B
T
U
O)
n
w
o
d
-l
l
u
p
k
a
e
w
(
B
k
n
a
B
,t
u
p
t
u
o
k
c
o
l
C
82
L
E
S)
p
u
-l
l
u
p
k
a
e
w
(
2
ti
b
,t
u
p
n
i
t
c
e
l
e
S
91
L
E
S)
p
u
-l
l
u
p
k
a
e
w
(
1
ti
b
,t
u
p
n
i
t
c
e
l
e
S
6
1N
I
_
B
Ft
u
p
n
i
k
c
a
b
d
e
e
f
L
L
P
PinDescription
Output Load Difference: FB_IN Load - OUTA/OUTB Load (pF)
600
800
400
200
0
-200
-400
-600
-800
-900
-1000
-25
-20
-15
-10
-5
0
5
10
15
20
25
PI6C2408-1H
PI6C2408-1,2,3,4,6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com