Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

D2300 Datasheet(PDF) 4 Page - Micro Electronics

Part # D2300
Description  1.3 m D2300-Type Laser Isolated DFB Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

D2300 Datasheet(HTML) 4 Page - Micro Electronics

  D2300 Datasheet HTML 1Page - Micro Electronics D2300 Datasheet HTML 2Page - Micro Electronics D2300 Datasheet HTML 3Page - Micro Electronics D2300 Datasheet HTML 4Page - Micro Electronics D2300 Datasheet HTML 5Page - Micro Electronics D2300 Datasheet HTML 6Page - Micro Electronics D2300 Datasheet HTML 7Page - Micro Electronics D2300 Datasheet HTML 8Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Lucent Technologies Inc.
Data Sheet
February 2000
Isolated DFB Laser Module
1.3
µm D2300-Type Digital
Characteristics
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are
the result of engineering evaluations. Typical values are for information purposes only and are not part of the test-
ing requirements.
* Standard operating condition is 5.0 V reverse bias.
† Ratio of thermistor resistance at 0
°C to thermistor resistance at 50 °C.
Table 1. Electrical Characteristics (at 25
°C Laser Temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Laser Forward Voltage
VLF
LF = 2 mW (CW)
1.3
1.8
V
Slope Efficiency
η
LF = 2 mW (CW)
0.025
0.06
mW/mA
Threshold Current
ITH
15
50
mA
Monitor Reverse-bias Voltage*
VRMON
—3
5
10
V
Monitor Current
IRMON
PO = 1 mW (CW)
0.1
1.0
2.0
mA
Monitor Dark Current
ID
IF = 0, VRMON = 5 V
0.01
0.1
µA
Input Impedance
ZIN
25
Thermistor Current
ITC
10
100
µA
Resistance Ratio
8.6
9.6
Thermistor Resistance
RTH
TL = 25
°C
9.5
10.5
k
TEC Current
ITEC
TL = 25
°C, TC = 70 °C
1.0
A
TEC Voltage
VTEC
TL = 25
°C, TC = 70 °C
2.0
V
TEC Capacity
∆TTC = 80 °C55
°C
Table 2. Optical Characteristics (at 25
°C Laser Temperature)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Optical Output Power
PPEAK
2.0
mW
Center Wavelength
λC
1290
1310
1330
nm
Spectral Width:
Full Width at –3 dB
Full Width at –20 dB
∆λ
Modulated at 2.5 Gbits/s at
rated power
0.20
0.8
0.30
1.0
nm
nm
Side-mode Suppression Ratio
SMSR
Modulated at 2.5 Gbits/s
30
dB
Optical Isolation
0
°C to 65 °C30
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com