Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

80C02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 80C02
Description  OPTICAL SAMPLING MODULES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

80C02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  80C02 Datasheet HTML 1Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 2Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 3Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 4Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 6Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 7Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 8Page - List of Unclassifed Manufacturers 80C02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features & Benefits
10 Gb/s Telecom & Datacom
– 80C08C and 80C12 – Low-
noise, High Optical Sensitivity
and Broad Wavelength
Conformance Testing for
10GbE LAN, WAN, and FEC,
10G Fibre Channel, and
10 Gb/s Telecom Standard
and FEC Rates
– 80C11 30 GHz Optical
Bandwidth Conformance
Testing and Characterization
for 10 Gb/s Telecom and
Datacom Standards and
FEC Rates
– 80C08C and 80C11
Integrated Clock Recovery
Supports All Current 10 Gb/s
Standards or User Defined
Rate from 9.8 to 12.6 Gb/s
– 80C12 Clock Recovery
Available Via 80A05 Clock
Recovery Module
40 Gb/s Telecom
– 80C10 Provides 65 GHz
Optical Bandwidth for Signal
Characterization of 40 Gb/s
RZ or NRZ Data
– 80C10 Provides Reference
Receivers for Conformance
Testing of 39.813 Gb/s
(OC-768/STM-256)
and 43.018 Gb/s
(ITU-T G.709 FEC)
Tributary Telecom & Datacom
– 80C07B and 80C12 Provide
Excellent Optical Sensitivity
and Broad Wavelength
Test Capability
– 80C07B, 80C12, 80C01
Multi-rate Telecom
Conformance Testing
Solutions from 155 Mb/s
(OC-3/STM-4) Through
9.953 Gb/s (OC-192/
STM-64) and Datacom
Conformance Testing
Solutions for Fibre Channel,
Ethernet and InfiniBand
Standards
Applications
High-speed Optical
Communications Testing
Extinction Ratio and Q-factor
Measurements
Eye-pattern and Pulse
Shape Analysis
Relaxation Oscillation Testing
Optical Signal Analysis
Conformance Testing
NRZ and RZ Pulse
Characterization
Optical Sampling Modules
80C01 80C02 80C07B 80C08C 80C10 80C11 80C12
Optical Signal Analysis
www.tektronix.com/optical
1
The CSA/TDS8000B Series Sampling
Oscilloscopes, when configured with one
or more optical sampling modules, provide
complete optical test solutions for Telecom
(155 Mb/s to 43.018 Gb/s) or Datacom
(Fibre Channel, Gigabit Ethernet, 10GbE
and InfiniBand) applications, as well as
general purpose optical component testing.
Each optical module includes all the elements
necessary for optical testing:
Optical to electrical converter
Average power monitor
One or more reference receiver filters
A full bandwidth optical path
A low-noise electrical sampler
Optional integrated clock recovery (80C12
clock recovery is provided via the 80A05
Clock Recovery Module – sold separately)
Universal optical input connector
80C01 Multi-rate Telecom Sampling
Module – The 80C01 module supports
waveform conformance testing of long-
wavelength (1100 to 1650 nm) signals at
622, 2488 Mb/s and 9.953 Gb/s as well
as general-purpose testing with up to
20 GHz optical bandwidth. With its clock
recovery option, the 80C01 provides
testing solutions for 622 and 2488 Mb/s
telecom applications.
80C02 High-performance Telecom
Sampling Module – The 80C02 module
is optimized for testing of long-wavelength
(1100 to 1650 nm) signals at 9.953 Gb/s
(SONET OC-192/SDH STM-64). With its
high optical bandwidth of 30 GHz (typical),
it is also well-suited for general purpose,
high-performance optical component testing.
The 80C02 can be optionally configured
with clock recovery that supports
9.953 Gb/s telecom standards.
CSA/TDS8000B Series Sampling Oscilloscope
Optical Modules


Similar Part No. - 80C02

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
80C000H45M100 MOLEX11-80C000H45M100 Datasheet
166Kb / 2P
Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Right Angle, 4 Poles,Length 4.0m (13.12 )
logo
TEKTRONIX, INC.
80C07B TEKTRONIX-80C07B Datasheet
454Kb / 16P
Digital Serial Analyzer Sampling Oscilloscope
80C08D TEKTRONIX-80C08D Datasheet
454Kb / 16P
Digital Serial Analyzer Sampling Oscilloscope
More results

Similar Description - 80C02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGE847BO PHILIPS-BGE847BO Datasheet
80Kb / 12P
Optical receiver modules
2000 Apr 04
BGO847 PHILIPS-BGO847 Datasheet
81Kb / 12P
Optical receiver modules
2000 Apr 12
logo
JDS Uniphase Corporatio...
ONT-50 JDSU-ONT-50 Datasheet
2Mb / 4P
Optical Spectrum Analyzer Modules
logo
M/A-COM Technology Solu...
LDPF0004-FC MA-COM-LDPF0004-FC Datasheet
92Kb / 2P
PINFET optical receiver modules
logo
OPLINK Communications I...
PONM-S0163 OPLINK-PONM-S0163 Datasheet
223Kb / 2P
Passive Optical Network Modules
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
LambdaDriver짰 Passive Optical Modules
EM316OSA-40DC21 MRV-EM316OSA-40DC21 Datasheet
942Kb / 4P
Optical Spectrum Analyzer (OSA) Modules
logo
OPLINK Communications I...
PONM OPLINK-PONM Datasheet
223Kb / 2P
Passive Optical Network Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
Small Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com