Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EXCALIBUR Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # EXCALIBUR
Description  LEDs for status and feedback
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

EXCALIBUR Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  EXCALIBUR Datasheet HTML 1Page - Laird Tech Smart Technology EXCALIBUR Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WACS-DS-EXCALIBUR_102314
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be liable for incidental or
consequential damages of any kind. All Laird products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will
be furnished upon request. © Copyright 2014 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks
or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides
a license under any Laird or any third party intellectual property rights.
CattronControl
Excalibur
ELECTRONIC DATA
Commands
Up to 5 dual-step drives,
horn, E-stop and optional
electronic A/B select switch
Digital circuitry Dual-processor
technology
System
addresses
24 bits =
16 million addresses
Energy-saving
mode
Automatic shutdown
(configurable 0-30 minutes)
Supply voltage Rechargeable battery.
NiCd 3.6V/1500mAh
Autonomy
>12h at 100%
uninterrupted use
TECHNICAL DATA AND SPECIFICATIONS
MECHANICAL DATA
Weight 6-8
Dimensions 6-8
(L x W x H)
Approx. 290 g
( 0.64 lbs)
180 x 64 x 39 mm
(7.1 x 2.5 x 1.6 in)
Weight 10-12
Dimensions 10-12
(L x W x H)
Approx. 350 g
( 0.77 lbs)
235 x 64 x 39 mm
(9.3 x 2.5 x 1.6 in)
Housing
material
High-impact polymer
and rubber
Housing
protection rating
IP 65 -
Suitable for outdoor use
Operating
temperature
-20º to +60º C
(-4º to +140º F)
Vibration
and shock
Vibration/impact and drop
tested to 1m on concrete
OPERATION AND INDICATION
Actuators ct24-ET/6
Actuators ct24-ET/8
6 push buttons (2-step)
8 push buttons (2-step)
Actuators ct24-ET/10
Actuators ct24-ET/12
10 push buttons (2-step)
12 push buttons (2-step)
Transkey™
System configuration,
address and RF channel
setting
Buzzer
Low voltage indication
LED
1 status LED
4 multi-function LEDs
STANDARDS
Safety
EN 13849-1 Category 3 PL d
EN 60204-1
EN 60204-32
CE Compliant
RF
Frequency
range
335 MHz
406-419 MHz
433-434 MHz
447-473 MHz
869 MHz
902-927 MHz
other frequencies on request
Transmission
speed
4.8 to 20 kbit/s
Transmitter
output power
1-10 mW with
various modules
(within permitted limits)
Modulation
FM
RF channel
spacing
12.5 kHz; 25 kHz
and others
Antenna
Internal
ACCESSORIES
Batteries
2x Rechargeable batteries
3.6V/1500 mAh
Battery charger
Processor-controlled charger
incl. adapter cradle, charging
system on the primary side
for international use
Labeling
Self-adhesive marking labels



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com