Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC6911HMS-2 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6911HMS-2
Description  Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6911HMS-2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6911HMS-2 Datasheet HTML 9Page - Linear Technology LTC6911HMS-2 Datasheet HTML 10Page - Linear Technology LTC6911HMS-2 Datasheet HTML 11Page - Linear Technology LTC6911HMS-2 Datasheet HTML 12Page - Linear Technology LTC6911HMS-2 Datasheet HTML 13Page - Linear Technology LTC6911HMS-2 Datasheet HTML 14Page - Linear Technology LTC6911HMS-2 Datasheet HTML 15Page - Linear Technology LTC6911HMS-2 Datasheet HTML 16Page - Linear Technology LTC6911HMS-2 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC6911-1/LTC6911-2
13
sn691112 691112fs
AGND (Pin 2): Analog Ground. The AGND pin is at the
midpoint of an internal resistive voltage divider, develop-
ing a potential halfway between the V+ and V– pins, with an
equivalent series resistance to the pin of nominally 5k
Ω
(Figure 1). AGND is also the noninverting input to both the
internal channel A and channel B amplifiers. This makes
AGND the ground reference voltage for the INA, INB, OUTA
and OUTB pins. Recommended analog ground plane con-
nection depends on how power is applied to the LTC6911-X
(see Figures 2, 3 and 4). Single power supply applications
typically use V– for the system signal ground. The analog
ground plane in single supply applications should there-
fore tie to V–, and the AGND pin should be bypassed to this
ground plane by a high quality capacitor of at least 1
µF
(Figure 2). The AGND pin provides an internal analog
reference voltage at half the V+ supply voltage. Dual supply
applications with symmetrical supplies (such as
±5V)
have a natural system ground plane potential of zero volts,
which can be tied directly to the AGND pin, making the zero
volt ground plane the input and output reference voltage
for the LTC6911-X (Figure 3). Finally, if dual asymmetrical
power supplies are used, the supply ground is still the
natural ground plane voltage. To maximize signal swing
PI FU CTIO S
capability with an asymmetrical supply, however, it is
often desirable to refer the LTC6911-X’s analog input and
output to a voltage equidistant from the two supply rails V+
and V–. The AGND pin will provide such a potential when
open-circuited and bypassed with a capacitor (Figure 4).
Figure 3. Dual Supply Ground Plane Connection
Figure 2. Single Supply Ground Plane Connection
LTC6911-X
DIGITAL GROUND PLANE
(IF ANY)
ANALOG
GROUND
PLANE
1
SINGLE-POINT
SYSTEM GROUND
23
4
5
691112 F03
10
9
8
7
6
0.1
µF
V–
V+
0.1
µF
Figure 4. Asymmetrical Dual Supply Ground Plane Connection
LTC6911-X
DIGITAL GROUND PLANE
(IF ANY)
ANALOG
GROUND
PLANE
1
SINGLE-POINT
SYSTEM GROUND
23
4
5
691112 F04
10
9
8
7
6
0.1
µF
V–
V+
0.1
µF
≥1µF
REFERENCE
V+ + V–
2
DIGITAL GROUND PLANE
(IF ANY)
ANALOG
GROUND
PLANE
SINGLE-POINT
SYSTEM GROUND
REFERENCE
V+
2
691112 F02
≥1µF
LTC6911-X
12
3
4
5
10
9
8
7
6
V+
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com