Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMX331 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # LMX331
Description  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX331 Datasheet(HTML) 4 Page - Maxim Integrated Products

  LMX331 Datasheet HTML 1Page - Maxim Integrated Products LMX331 Datasheet HTML 2Page - Maxim Integrated Products LMX331 Datasheet HTML 3Page - Maxim Integrated Products LMX331 Datasheet HTML 4Page - Maxim Integrated Products LMX331 Datasheet HTML 5Page - Maxim Integrated Products LMX331 Datasheet HTML 6Page - Maxim Integrated Products LMX331 Datasheet HTML 7Page - Maxim Integrated Products LMX331 Datasheet HTML 8Page - Maxim Integrated Products LMX331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS—1.8V OPERATION
(VDD = 1.8V, VSS = 0, VCM = 0, RL = 5.1k
Ω connected to VDD. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
0.2
5
mV
Input Voltage Hysteresis
LMX331H/LMX393H/LMX339H only
2
mV
Input Offset Voltage Average
Temperature Drift
TCVOS
5
µV/
°C
Input Bias Current
IB
0.05
nA
Input Offset Current
IOS
0.05
nA
-0.1
Input Voltage Range
VCM
1
V
Output Saturation Voltage
VSAT
ISINK
≤ 1mA
35
mV
Power-Supply Rejection Ratio
PSRR
VDD = 1.8V to 5.5V
60
70
dB
Output Sink Current
IO
VO
≤ 1.5V
15
mA
LMX331/LMX331H
40
100
LMX393/LMX393H (both comparators)
65
140
Supply Current (Note 2)
IS
LMX339/LMX339H (all four comparators)
120
200
µA
Output Leakage Current
0.003
µA
Note 1: All devices are production tested at +25°C. All temperature limits are guaranteed by design.
Note 2: Supply current when output is high.
Note 3: Input overdrive is the overdrive voltage beyond the offset and hysteresis-determined trip points.
AC ELECTRICAL CHARACTERISTICS—1.8V OPERATION
(VDD = 1.8V, VSS = 0, VCM = 0, RL = 5.1k
Ω connected to VDD. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input overdrive = 10mV (Note 3)
500
Propagation Delay
Output High to Low
tPHL
Input overdrive = 100mV (Note 3)
100
ns
Input overdrive = 10mV (Note 3)
500
Propagation Delay
Output Low to High
tPLH
Input overdrive = 100mV (Note 3)
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com