Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SY02-FEC Datasheet(PDF) 5 Page - Raltron Electronics Corporation

Part # SY02-FEC
Description  HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-FEC Datasheet(HTML) 5 Page - Raltron Electronics Corporation

  SY02-FEC Datasheet HTML 1Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 2Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 3Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 4Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 5Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SYNCHRONOUS EQUIPMENT
HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
RALTRON ELECTRONICS CORP. 10651 N.W.19
th St Florida 33172 U.S.A.
Tel: 305 593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http:/www.raltron.com
REFLOW PROFILE
0
50
100
150
200
250
0
1
2
3456
78
XY (Scatter) 1
OUTLINE DRAWING
.150
.700
.100 TYP.
(3.81)
(2.54)
(17.78)
.800
(20.32)
1.000
(25.4)
.250 MAX.
(6.35 MAX.)
.040
.055
.050
(1.02)
(1.4)
(1.27)
9 10
12
11
14
13
15 16
7
8
6
3
4
1
2
MARKING
AREA
DENOTES PIN 1.
BOTTOM VIEW
TOP VIEW
SIDE VIEW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com