Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCI7421 Datasheet(PDF) 45 Page - Texas Instruments

Part # PCI7421
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7421 Datasheet(HTML) 45 Page - Texas Instruments

Back Button PCI7421 Datasheet HTML 41Page - Texas Instruments PCI7421 Datasheet HTML 42Page - Texas Instruments PCI7421 Datasheet HTML 43Page - Texas Instruments PCI7421 Datasheet HTML 44Page - Texas Instruments PCI7421 Datasheet HTML 45Page - Texas Instruments PCI7421 Datasheet HTML 46Page - Texas Instruments PCI7421 Datasheet HTML 47Page - Texas Instruments PCI7421 Datasheet HTML 48Page - Texas Instruments PCI7421 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 298 page
background image
2−19
Table 2−10. 16-Bit PC Card Address and Data Terminals
External components are not applicable for the 16-bit PC Card address and data terminals. If any 16-bit PC Card
address and data terminal is unused, then the terminal may be left floating.
SOCKET A TERMINAL
SOCKET B TERMINAL†
DESCRIPTION
I/O
POWER
NAME
NO.
NAME
NO.
DESCRIPTION
I/O
TYPE
POWER
RAIL
A_A25
A_A24
A_A23
A_A22
A_A21
A_A20
A_A19
A_A18
A_A17
A_A16
A_A15
A_A14
A_A13
A_A12
A_A11
A_A10
A_A9
A_A8
A_A7
A_A6
A_A5
A_A4
A_A3
A_A2
A_A1
A_A0
C07
A07
C08
A08
C09
A09
E10
C10
A10
E09
B08
F10
G10
F09
B11
A12
G11
B10
B07
G09
B06
C06
B05
E06
A04
B04
B_A25
B_A24
B_A23
B_A22
B_A21
B_A20
B_A19
B_A18
B_A17
B_A16
B_A15
B_A14
B_A13
B_A12
B_A11
B_A10
B_A9
B_A8
B_A7
B_A6
B_A5
B_A4
B_A3
B_A2
B_A1
B_A0
H14
G17
G19
H17
H19
J17
J19
K15
K17
H18
J13
J18
K13
G18
L17
M17
K18
K14
H15
F18
G15
E19
E17
D18
C19
D17
PC Card address. 16-bit PC Card address lines. A25 is the most significant
bit.
O
VCCA/
VCCB
A_D15
A_D14
A_D13
A_D12
A_D11
A_D10
A_D9
A_D8
A_D7
A_D6
A_D5
A_D4
A_D3
A_D2
A_D1
A_D0
E12
B13
F12
C14
A14
D01
C01
C02
C13
A13
E13
B14
E14
D02
D03
B01
B_D15
B_D14
B_D13
B_D12
B_D11
B_D10
B_D9
B_D8
B_D7
B_D6
B_D5
B_D4
B_D3
B_D2
B_D1
B_D0
M14
N17
N19
N15
P18
B15
A16
A17
M15
N18
M13
P17
P19
A15
B16
C16
PC Card data. 16-bit PC Card data lines. D15 is the most significant bit.
I/O
VCCA/
VCCB
† These terminals are reserved for the PCI7611 and PCI7411 controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com