Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8784 Datasheet(PDF) 1 Page - Exar Corporation

Part # MP8784
Description  CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8784 Datasheet(HTML) 1 Page - Exar Corporation

  MP8784 Datasheet HTML 1Page - Exar Corporation MP8784 Datasheet HTML 2Page - Exar Corporation MP8784 Datasheet HTML 3Page - Exar Corporation MP8784 Datasheet HTML 4Page - Exar Corporation MP8784 Datasheet HTML 5Page - Exar Corporation MP8784 Datasheet HTML 6Page - Exar Corporation MP8784 Datasheet HTML 7Page - Exar Corporation MP8784 Datasheet HTML 8Page - Exar Corporation MP8784 Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
03
5HY 
(;$5 &RUSRUDWLRQ  .DWR 5RDG )UHPRQW &$  <   <  
.
)($785(6
N %LW 5HVROXWLRQ
N 6DPSOLQJ 5DWH WR  0636
N '1/  /6% ,1/  /6%
N ,QWHUQDO 6+ )XQFWLRQ
N 6LQJOH  9 3RZHU 6XSSO\
N 9,1 '& 5DQJH  9 WR 9''
N 95() '& 5DQJH  9 WR 9''
N /RZ 3RZHU  P:
N 7KUHH6WDWH 'LJLWDO 2XWSXWV
N /DWFK8S )UHH
N  9 9HUVLRQ 03/
&026
 0636 %LW +LJK 6SHHG
$QDORJWR'LJLWDO &RQYHUWHU
$33/,&$7,216
N 'LJLWDO &RORU &RSLHUV
N 'LJLWDO &HOOXODU 7HOHSKRQHV
N 3UHFLVLRQ &&'V DQG 6FDQQHUV
N 0HGLFDO 6FDQQHUV
N 8OWUDVRQLFV
N 'LJLWDO 5DGLR
%(1(),76
N 6LPSOLILHG $QDORJ 'HVLJQ
N 5XJJHG
N )HZ ([WHUQDO &RPSRQHQWV QR 6+ 1HHGHG
N 5HGXFHG %RDUG 6SDFH
0DUFK 
*(1(5$/ '(6&5,37,21
7KH 03 LV D ELW  0636 $QDORJWR'LJLWDO
&RQYHUWHU IRU DSSOLFDWLRQV WKDW UHTXLUH KLJK VSHHG DQG
KLJK DFFXUDF\ 'HVLJQHG XVLQJ DQ DGYDQFHG &026
SURFHVV WKLV SDUW RIIHUV H[FHOOHQW SHUIRUPDQFH ORZ
SRZHU FRQVXPSWLRQ DQG ODWFKXS IUHH RSHUDWLRQ
7KH 03 XVHV D VXEUDQJLQJ DUFKLWHFWXUH WR PDLQWDLQ
ORZ SRZHU FRQVXPSWLRQ DW KLJK FRQYHUVLRQ UDWHV 2XU
SURSULHWDU\ FRPSDUDWRU GHVLJQ DFKLHYHV D ORZ DQDORJ
LQSXW FDSDFLWDQFH 7KH LQSXW FLUFXLWU\ RI WKH 03
LQFOXGHV DQ RQFKLS 6+ IXQFWLRQ WKDW DOORZV WKLV SDUW WR
GLJLWL]H DQDORJ LQSXW VLJQDOV EHWZHHQ $*1' DQG $9''
7KH GHVLJQHU FDQ FKRRVH WKH LQWHUQDOO\ JHQHUDWHG
UHIHUHQFH YROWDJHV RU SURYLGH H[WHUQDO UHIHUHQFH
YROWDJHV WR WKH 95% DQG 957 SLQV 7KH LQWHUQDO UHIHUHQFH
JHQHUDWHV  9 DW 95% DQG9DW957 3URYLGLQJ H[WHUQDO
UHIHUHQFH YROWDJHV DOORZV HDV\ LQWHUIDFH WR DQ\ LQSXW
VLJQDO UDQJH EHWZHHQ *1' DQG 9'' 7KLV DOVR DOORZV WKH
V\VWHP WR FDQFHO ]HUR VFDOH DQG IXOO VFDOH HUURUV 7KH
5HIHUHQFH /DGGHU WDSV 5 WR 5 FDQ EH XVHG WR
H[WHUQDOO\ WULP DQ\ ,1/ HUURUV
7KLV GHYLFH RSHUDWHV IURP D VLQJOH  9 VXSSO\ 3RZHU
FRQVXPSWLRQ IURPD9 VXSSO\ LV W\SLFDOO\  P: DW
)6 0+] DQG RQO\  P: DW )6 0+]
6,03/,),(' %/2&. ',$*5$0
06%
&RPSDUDWRUV
/6%
&RPSDUDWRUV
/DWFK
/DWFK
(QFRGHU
))
9''
*1'
'% 06%
'% /6%
2(
&/.
95%
9''
6+
9576
&ORFN
/RJLF
957
95%6

55
9,1
'9'' '*1'


Similar Part No. - MP8784

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP8780 EXAR-MP8780 Datasheet
1,008Kb / 11P
CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
MP8780JN EXAR-MP8780JN Datasheet
1,008Kb / 11P
CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
MP8780JS EXAR-MP8780JS Datasheet
1,008Kb / 11P
CMOS 8 BIT VIDEO ANALOG TO DIGITAL CONVERTER
MP8785 EXAR-MP8785 Datasheet
811Kb / 10P
CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
MP8786 EXAR-MP8786 Datasheet
811Kb / 10P
CMOS 30 MSPS, 8Bit High-Speed, Low Power Analog-to-Digital Converter with Power Down
More results

Similar Description - MP8784

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8752B PHILIPS-TDA8752B Datasheet
154Kb / 36P
Triple high-speed Analog-to-Digital Converter 110 Msps ADC
2000 Jan 10
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7684A EXAR-MP7684A Datasheet
1Mb / 14P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP7683 EXAR-MP7683 Datasheet
645Kb / 10P
CMOS 8 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8775 EXAR-XRD8775 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
MP8775 EXAR-MP8775 Datasheet
511Kb / 8P
CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter
MP7686 EXAR-MP7686 Datasheet
752Kb / 9P
CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
XRD8785 EXAR-XRD8785 Datasheet
1Mb / 15P
CMOS 8-Bit High Speed Analog-to-Digital Converter
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
HIGH SPEED ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com