Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC1031 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC1031
Description  VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC1031 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC1031 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC1031 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC1031 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC1031 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC1031 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC1031 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC1031 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC1031 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC1031 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silan
Semiconductors
SC10XX SERIES
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
VOLTAGE REGULATOR
DESCRIPTION
The SC10XX series is a set of three-terminal low power voltage
regulators implemented in CMOS technology. They are available with
several fixed output voltages ranging from l.5V--7.0V. CMOS
technology ensures low voltage drop and low quiescent current.
Although designed primarily as fixed voltage regulators, these
devices can be used with external components to obtain variable
voltages and currents.
The SC10XX is housed in TO-92 package.
FEATURES
* Low power consumption
* Low voltage drop
* Low temperature coefficient
* Wide operating voltage (12V Max.)
* TO-92 package
APPLICATIONS
* Battery-powered equipment
* Communication equipment
* Audio/Video equipment
TO-92
BLOCK DIAGRAM
GND
VIN
VOUT
Vref
+
-
PIN ASSIGNMENT
SC10XX
SC10XX
VOUT GND VIN
GND VIN VOUT
Front View
Bottom View
AType
B Type
Front View
Bottom View


Similar Part No. - SC1031

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC103335VR400B FREESCALE-SC103335VR400B Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
More results

Similar Description - SC1031

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com