Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FT260Q Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT260Q
Description  HID-class USB to UART/I2C Bridge IC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT260Q Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT260Q Datasheet HTML 17Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 18Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 19Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 20Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 21Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 22Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 23Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 24Page - Future Technology Devices International Ltd. FT260Q Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Copyright © Future Technology Devices International Limited
21
FT260 HID-CLASS USB TO UART/I2C BRIDGE IC
Version 1.1
Document No.: FT_001272 Clearance No.: FTDI#484
T6
>=
0
input hold time requirement from SDA to SCL falling
edge when I2C as master
T7
2*(1+N)*T0
Start bit setup time to SCL falling edge
T8
4*(1+N)*T0
Start bit hold time to SCL falling edge
T9
2*(1+N)*T0
Stop bit setup time to SCL rising edge
T10
2*(1+N)*T0
Stop bit hold time to SCL rising edge
T11
4*(1+N)*T0
Bus free time between Start and Stop bit
Table 5.2 I2C Timing for VCCIO=3.3V
*Note that N can be ranged from 1 to 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com